Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KVN4525E6 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KVN4525E6
Description  250V N-Channel Enhancement Mode MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KVN4525E6 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KVN4525E6 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KVN4525E6 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
250
285
V
Zero Gate Voltage Drain Current
IDSS
VDS=250V, VGS=0V
35
500
nA
Gate-Body Leakage
IGSS
VGS=
40V, VDS=0V
1
100
nA
Gate-Source Threshold Voltage
VGS(th)
ID=1mA, VDS=VGS
0.8
1.4
1.8
V
VGS=10V, ID=500mA
5.6
8.5
VGS=4.5V, ID=360mA
5.9
9.0
VGS=2.4V, ID=20mA
6.4
9.5
Forward Transconductance *3
gfs
VDS=10V,ID=0.3A
0.3
0.475
S
Input Capacitance
Ciss
72
pF
Output Capacitance
Coss
11
pF
Reverse Transfer Capacitance
Crss
3.6
pF
Turn-On Delay Time
td(on)
1.25
ns
Rise Time
tr
1.70
ns
Turn-Off Delay Time
td(off)
11.40
ns
Fall Time
tf
3.5
ns
Total Gate Charge
Qg
2.6
3.65
nC
Gate-Source Charge
Qgs
0.2
0.28
nC
Gate Drain Charge
Qgd
0.5
0.7
nC
Diode Forward Voltage*!
VSD
Tj=25
,IS=360mA,VGS=0V
0.97
V
Reverse Recovery Time *3
trr
Tj=25
,IF=360mA,
186
260
ns
Reverse Recovery Charge *3
Qrr
di/dt= 100A/
s
34
48
nC
*! Measured under pulsed conditions. Width=300
s. Duty cycle
2% .
*2 Switching characteristics are independent of operating junction temperature.
*3 For design aid only, not subject to production testing.
Static Drain-Source On-State Resistance *1
VDS=25V,VGS=10V,ID=360mA*2
VDD =30V, ID=360mA,RG=50
,
Vqs=10V *2
VDS=25 V, VGS=0V,f=1MHz
RDS(on)
KVN4525E6
Marking
Marking
N52


Similar Part No. - KVN4525E6

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KVN4525Z KEXIN-KVN4525Z Datasheet
55Kb / 2P
   250V N-Channel Enhancement Mode MOSFET
More results

Similar Description - KVN4525E6

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVN4525E6 ZETEX-ZVN4525E6 Datasheet
426Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN4525G ZETEX-ZVN4525G Datasheet
408Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTB1K8N25N3 CYSTEKEC-MTB1K8N25N3 Datasheet
651Kb / 9P
   250V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZVN4525E6 DIODES-ZVN4525E6_15 Datasheet
1Mb / 7P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZVN4525Z ZETEX-ZVN4525Z Datasheet
431Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZVN4525E6 DIODES-ZVN4525E6 Datasheet
437Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN4525G DIODES-ZVN4525G Datasheet
419Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Guangdong Kexin Industr...
KVN4525Z KEXIN-KVN4525Z Datasheet
55Kb / 2P
   250V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZVN4525Z DIODES-ZVN4525Z Datasheet
443Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN4525G DIODES-ZVN4525G_15 Datasheet
295Kb / 7P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com