Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KI1407DL Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KI1407DL
Description  P-Channel 1.8-V (G-S) MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KI1407DL Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KI1407DL Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KI1407DL Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Gate threshold voltage
VGS(th)
VDS =VGS,ID =-250
A
-0.45
-1
V
Gate-body leakage
IGSS
VDS =0V, VGS =
8V
100
nA
VDS =-12 V, VGS =0V
-1
VDS =-20 V, VGS =0V, TJ =85
-5
On-state drain current
ID(on)
VDS =-5 V, VGS =-4.5V
-2
A
VGS =-4.5V, ID = -1.8 A
0.105 0.130
VGS =-2.5V, ID =-1.5 A
0.140 0.170
VGS =-1.8V, ID = -0.8A
0.185 0.225
Forward transconductance
gfs
VDS =-10 V, ID = -1.8 A
4.3
S
Diode forward voltage
VSD
IS =-0.8A, VGS = 0 V
-0.77
-1.1
V
Total gate charge *
Qg
5.5
7.0
Gate-source charge *
Qgs
0.95
Gate-drain charge *
Qgd
1.10
td(on)
812
tr
33
50
td(off)
32
50
tf
29
45
Source-Drain Reverse Recovery Time
trr
IF =-0.8A, di/dt =100 A/
s
20
40
* Pulse test: PW
300 ìs duty cycle
2%.
Turn-off time
Turn-on time
ns
VDS =-6V ,VGS =-4.5V , ID= -1.8A
VDD =-6V , RL =10
,
ID =-1A , VGEN =-4.5V , RG =6
nC
Zero gate voltage drain current
IDSS
A
Drain-source on-state resistance
rDS(on)
KI1407DL
Marking
Marking
OC


Similar Part No. - KI1407DL

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KI1400DL KEXIN-KI1400DL Datasheet
51Kb / 2P
   N-Channel 20-V (D-S) MOSFET
More results

Similar Description - KI1407DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
logo
Leshan Radio Company
LSI1013XT1G LRC-LSI1013XT1G Datasheet
371Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6467BDQ-T1-E3 VISHAY-SI6467BDQ-T1-E3 Datasheet
208Kb / 11P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 31-Mar-08
SI2315BDS VISHAY-SI2315BDS_V01 Datasheet
181Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com