Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB936 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB936
Description  Silicon PNP Epitaxial Planar Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB936 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB936 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
2.3
0.60+0.1
-0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4.60+0.15
-0.15
5.30+0.2
-0.2
2.30+0.1
-0.1
0.50+0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
www.kexin.com.cn
Silicon PNP Epitaxial Planar Type
2SB936
Features
Low collector-emitter saturation voltage VCE(sat).
High-speed switching.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-40
V
Collector-emitter voltage
VCEO
-20
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-10
A
Peak collector current
ICP
-20
A
Collector power dissipation
PC
1.3
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-emitter voltage
VCEO
IC = -10mA, IB =0
-20
V
Collector-base cutoff curent
ICBO
VCB =-40 V,IE =0
-50
ìA
Emitter-base cutoff current
IEBO
VEB =-5V, IC =0
-50
ìA
VCE =-2V, IC = -3 A
90
260
VCE =-2V, IC = -0.1 A
45
Base-emitter saturation voltage
VBE(sat) IC =-10 A, IB = -0.33 A
-1.5
V
Collector-emitter saturation voltage
VCE(sat) IC =-10 A, IB = -0.33 A
-0.6
V
Transition frequency
fT
VCE =-10 V, IC= -0.5 A , f = 10 MHz
100
MHz
Collector output capacitance
Cob
VCB = -10V , IE = 0 , f = 1.0MHz
400
pF
Turn-on time
ton
0.1
ìs
Storage time
tstg
0.5
ìs
Fall time
tf
0.1
ìs
V
IC =-3A,IB1 =-0.1A,IB2 =0.1 A,
VCC =-20 V
Forward current transfer ratio
hFE
hFE Classification
Rank
Q
P
hFE
90
180
130
260


Similar Part No. - 2SB936

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB936 PANASONIC-2SB936 Datasheet
58Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB936 PANASONIC-2SB936 Datasheet
85Kb / 4P
   For Low-Voltage Switching
logo
Unisonic Technologies
2SB936 UTC-2SB936 Datasheet
116Kb / 3P
   SILICON PNP EPITAXIAL PLANAR TYPE
logo
Guangdong Kexin Industr...
2SB936-P KEXIN-2SB936-P Datasheet
1Mb / 3P
   PNP Transistors
2SB936-Q KEXIN-2SB936-Q Datasheet
1Mb / 3P
   PNP Transistors
More results

Similar Description - 2SB936

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SB1693 PANASONIC-2SB1693 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
2SB1071 PANASONIC-2SB1071 Datasheet
93Kb / 4P
   Silicon PNP epitaxial planar type
2SB1172 PANASONIC-2SB1172 Datasheet
84Kb / 3P
   Silicon PNP epitaxial planar type
2SA2064 PANASONIC-2SA2064 Datasheet
78Kb / 3P
   Silicon PNP epitaxial planar type
XP06401 PANASONIC-XP06401 Datasheet
104Kb / 4P
   Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1175 KEXIN-2SB1175 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com