Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCX1149A Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FCX1149A
Description  PNP Silicon Power Switching Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FCX1149A Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  FCX1149A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FCX1149A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
PNP Silicon Power Switching Transistor
FCX1149A
Features
2W power dissipation.
20A peak pulse current.
Excellent HFE characteristics up to 10 Amps.
Extremely low saturation voltage E.g. 45mv Typ.
Extremely low equivalent on-resistance.
RCE(sat) 67mÙ at 3A.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-30
V
Collector-emitter voltage
VCEO
-25
V
Emitter-base voltage
VEBO
-5
V
Continuous collector current
ICM
-10
A
Peak pulse current
IC
-3
A
Base current
IB
-500
mA
Power dissipation
Ptot
1W
Operating and storage temperature range
Tj,Tstg
-55to+150


Similar Part No. - FCX1149A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX1149A ZETEX-FCX1149A Datasheet
108Kb / 3P
   PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
FCX1149A DIODES-FCX1149A Datasheet
124Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
Fairchild Semiconductor
FCX1149A FAIRCHILD-FCX1149A Datasheet
124Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
FCX1149ATA FAIRCHILD-FCX1149ATA Datasheet
124Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
FCX1149A DIODES-FCX1149A_15 Datasheet
124Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
More results

Similar Description - FCX1149A

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FCX717 KEXIN-FCX717 Datasheet
51Kb / 2P
   PNP Silicon Power Switching Transistor
FCX789A KEXIN-FCX789A Datasheet
51Kb / 2P
   PNP Silicon Power Switching Transistor
FCX1147A KEXIN-FCX1147A Datasheet
52Kb / 2P
   PNP Silicon Power Switching Transistor
logo
Zetex Semiconductors
ZUMT718 ZETEX-ZUMT718 Datasheet
52Kb / 3P
   PNP SILICON POWER (SWITCHING) TRANSISTOR
ZUMT720 ZETEX-ZUMT720 Datasheet
131Kb / 3P
   PNP SILICON POWER (SWITCHING) TRANSISTOR
FCX790A ZETEX-FCX790A Datasheet
78Kb / 3P
   PNP SILICON POWER (SWITCHING) TRANSISTOR?
logo
Guangdong Kexin Industr...
FCX1151A KEXIN-FCX1151A Datasheet
52Kb / 2P
   PNP Silicon Power Switching Transistor
logo
Zetex Semiconductors
FCX1149A ZETEX-FCX1149A Datasheet
108Kb / 3P
   PNP SILICON POWER (SWITCHING) TRANSISTOR
ZUMT717 ZETEX-ZUMT717 Datasheet
126Kb / 3P
   PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
Continental Device Indi...
2N3868 CDIL-2N3868 Datasheet
156Kb / 4P
   PNP SILICON POWER SWITCHING TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com