Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N32-X007 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 4N32-X007
Description  Optocoupler with Photodarlington Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

4N32-X007 Datasheet(HTML) 2 Page - Vishay Siliconix

  4N32-X007 Datasheet HTML 1Page - Vishay Siliconix 4N32-X007 Datasheet HTML 2Page - Vishay Siliconix 4N32-X007 Datasheet HTML 3Page - Vishay Siliconix 4N32-X007 Datasheet HTML 4Page - Vishay Siliconix 4N32-X007 Datasheet HTML 5Page - Vishay Siliconix 4N32-X007 Datasheet HTML 6Page - Vishay Siliconix 4N32-X007 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number 83736
Rev. 1.4, 26-Jan-05
4N32/ 4N33
Vishay Semiconductors
Output
Coupler
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Parameter
Test condition
Symbol
Value
Unit
Collector-emitter breakdown voltage
BVCEO
30
V
Emitter-base breakdown voltage
BVEBO
8.0
V
Collector-base breakdown voltage
BVCBO
50
V
Emitter-collector breakdown voltage
BVECO
5.0
V
Collector (load) current
IC
125
mA
Power dissipation
Pdiss
150
mW
Derate linearly
2.0
mW/°C
Parameter
Test condition
Symbol
Value
Unit
Total dissipation
Ptot
250
mW
Derate linearly
3.3
mW/°
Isolation test voltage (between
emitter and detector, Standard
Climate: 23 °C/ 50 %RH, \\nDIN
500 14)
VISO
5300
VRMS
Leakage Path
7.0
mm min.
Air Path
7.0
mm min.
Isolation Resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Storange temperature
Tamb
- 55 to + 150
°C
Operating temperature
Tstg
- 55 to + 100
°C
Lead soldering time
at 260 °C
10
s
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 50 mA
VF
1.25
1.5
V
Reverse current
VR = 3.0 V
IR
0.1
100
µ
Capacitance
VR = 0 V
CO
25
pF


Similar Part No. - 4N32-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N32-X007 VISHAY-4N32-X007 Datasheet
124Kb / 8P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.0, 11-Mar-08
4N32-X007T VISHAY-4N32-X007T Datasheet
125Kb / 6P
   Optocoupler, Photodarlington Output, High Gain With Base Connection
Rev. 1.2, 15-Feb-11
More results

Similar Description - 4N32-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMD1000 VISHAY-TCMD1000 Datasheet
464Kb / 12P
   Optocoupler with Photodarlington Output
Rev. A2, 15-Dec-00
K815P VISHAY-K815P Datasheet
172Kb / 9P
   Optocoupler with Photodarlington Output
Rev. A3, 29-Jun-99
TCED1100 VISHAY-TCED1100 Datasheet
207Kb / 9P
   Optocoupler with Photodarlington Output
Rev. A3, 11-Jan-99
TCLD1000 VISHAY-TCLD1000 Datasheet
298Kb / 10P
   Optocoupler with Photodarlington Output
Rev. A3, 19-Mar-01
SFH612A VISHAY-SFH612A Datasheet
118Kb / 7P
   Optocoupler, Photodarlington Output
Rev. 1.4, 26-Oct-04
K845P VISHAY-K845P_V01 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output
01-Jan-2022
IL30 VISHAY-IL30_07 Datasheet
175Kb / 9P
   Optocoupler, Photodarlington Output
Rev. 1.6, 14-Dec-07
K851P VISHAY-K851P Datasheet
129Kb / 6P
   Optocoupler, Photodarlington Output
Rev. 2.1, 24-Sep-12
K815P VISHAY-K815P_12 Datasheet
129Kb / 6P
   Optocoupler, Photodarlington Output
Rev. 2.1, 24-Sep-12
K815P VISHAY-K815P_V02 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com