Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSR38D Datasheet(PDF) 1 Page - Allen-Bradley

Part # MSR38D
Description  Monitoring Safety Relays with Delayed Outputs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

MSR38D Datasheet(HTML) 1 Page - Allen-Bradley

  MSR38D Datasheet HTML 1Page - Allen-Bradley MSR38D Datasheet HTML 2Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4-46
Safety Relays
Monitoring Safety Relays with Delayed Outputs
Minotaur MSR38D/DP
Description
The Minotaur MSR38D/DP is a microprocessor-based, monitoring
safety relay, with delayed, safety-rated, solid state outputs.
The inputs of the MSR38D/DP are the same as the MSR30. They
can be connected to gate interlocks, e-stop devices or 4-wire safety
mats. The gate interlocks and e-stops can be either single channel or
dual channel normally-closed circuits.
The reset capability of the MSR38D/DP allows it to set up for
manual or automatic start and restart.
The outputs include two delayed normally-open safety rated outputs
that can be connected to loads up to 2A at 24V DC. These outputs
can be used to send a safety stop signal to a machine or
manufacturing system. The delay is accomplished by the
configuration of jumpers on the terminals. The delay can be easily
adjusted by reconfiguring the jumpers.
The MSR38D/DP also has one solid state normally-closed auxiliary
output, which must only be used to indicate the status of the
MSR38D/DP. The auxiliary output responds immediately to the
change in input status; it is not delayed.
Features
• Cat. 4 per EN954-1
• Stop Category 0 or 1
• 2 Delayed Solid State Safety Outputs
• 1 Solid State Auxiliary Output
• 1 N.C., 2 N.C. or Safety Mat Input
• Monitored Manual or Automatic/Manual Reset
Housing with removable
terminals shown.
Specifications
➊ See Output Ratings on page 1-29 for details. Consult factory for ratings not
shown.
Wiring Terminations
Standards
EN954-1, ISO13849-1, IEC/
EN60204-1, ANSI B11.19,
AS4024.1
Safety Category
Cat. 4 per EN954-1 (ISO13849-1)
Approvals
CE for all applicable directives, C-
Tick, cULus, TUV
Power Supply
24V DC SELV
Power Consumption
3W
Safety Inputs
1 N.C.
Max. Allowable Input Resistance
200 ohms
Outputs
2 N. O. Safety,
1 N.C. Aux,
Output Rating Safety
Auxiliary
2A @ 24V DC
50mA @ 24V DC
Fuses, Output External
6A slow blow or 10A quick blow
Power On Delay
3s
Response Time
15ms
Recovery Time
20ms
Indication LEDs
Green = Power (Pwr)
Green = K1 Closed
Green = K2 Closed
Pwr LED 3s Blink
Diagnostics Constant
2 Blinks
4 Blinks
Continuous Blinking
Initialization
Normal operation
Config. change during operation
Solid state output switch fault
Internal Fault
Operating Temperature
-5°C to +55°C (+14° to +131°F)
Humidity
90% RH
Enclosure Protection
IP40 (NEMA 1), DIN 0470
Terminal Protection
IP20, DIN 0470
Pollution Degree
2
Conductor Size
0.2 – 2,5mm2 (24 – 14AWG)
Mounting
35mm DIN rail
Weight
130g (0.287 lbs)
Vibration
10-55Hz, 0.35mm
Shock
10g, 16ms, 100 shocks
S11 & S21
Pulse train output
S12 & S22
Input contacts
A1 – S34
Reset switch
S11 – S34
Automatic reset, start-up test disabled
S21 – S34
Automatic reset, start-up test enabled
A1 – Y2
Monitoring circuit
A1 – Y41
Cross-fault monitoring disabled


Similar Part No. - MSR38D

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
MSR3 RADIOMETRIX-MSR3 Datasheet
124Kb / 8P
   NBFM Multi-channel receiver for 868MHz SRD band
logo
Mallory Sonalert Produc...
MSR320R MSPI-MSR320R Datasheet
44Kb / 1P
   Sound Level Category Medium
MSR320SR MSPI-MSR320SR Datasheet
49Kb / 1P
   Sound Level Category Medium
logo
Allen-Bradley
MSR33RT ALLEN-BRADLEY-MSR33RT Datasheet
73Kb / 2P
   Monitoring Safety Relays
MSR35H ALLEN-BRADLEY-MSR35H Datasheet
53Kb / 2P
   Two Hand Relays
More results

Similar Description - MSR38D

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
MSR10D ALLEN-BRADLEY-MSR10D Datasheet
68Kb / 2P
   Monitoring Safety Relays with Delayed Outputs
MSR138DP ALLEN-BRADLEY-MSR138DP Datasheet
77Kb / 2P
   Monitoring Safety Relays with Delayed Outputs
MSR15D ALLEN-BRADLEY-MSR15D Datasheet
106Kb / 2P
   Monitoring Safety Relays with Delayed Outputs
MSR8T ALLEN-BRADLEY-MSR8T Datasheet
64Kb / 1P
   Monitoring Safety Relays
MSR123RT ALLEN-BRADLEY-MSR123RT Datasheet
62Kb / 2P
   Monitoring Safety Relays
MSR121RT ALLEN-BRADLEY-MSR121RT Datasheet
64Kb / 2P
   Monitoring Safety Relays
MSR9T ALLEN-BRADLEY-MSR9T Datasheet
64Kb / 2P
   Monitoring Safety Relays
MSR5T ALLEN-BRADLEY-MSR5T Datasheet
78Kb / 2P
   Monitoring Safety Relays
MSR131RTP ALLEN-BRADLEY-MSR131RTP Datasheet
68Kb / 2P
   Monitoring Safety Relays
MSR126R ALLEN-BRADLEY-MSR126R Datasheet
58Kb / 2P
   Monitoring Safety Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com