Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440K-T11268 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 440K-T11268
Description  Tongue Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440K-T11268 Datasheet(HTML) 1 Page - Allen-Bradley

  440K-T11268 Datasheet HTML 1Page - Allen-Bradley 440K-T11268 Datasheet HTML 2Page - Allen-Bradley 440K-T11268 Datasheet HTML 3Page - Allen-Bradley 440K-T11268 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3-10
Interlock Switches
Tongue Switches
Trojan T15
Description
The Trojan T15 is a compact universal tongue actuated safety
interlock switch designed to fit at the opening edge of sliding, hinged
or lift-off guards. With its dual entry slots and rotatable head,
movable only by releasing the cover screws, the Trojan T15 can offer
four different options for actuator entry.
The Trojan T15 features a compact housing, only 75 x 52 x 32mm
(2.95 x 2.04 x 1.25in) and includes direct opening action contacts and a
tamper-resistant mechanism. The Trojan T15 has 2 N.C. safety
contacts or 1 N.C. safety contact and 1 N.O. auxiliary contact. The
unit is sealed to IP67 and has three M20 conduit entries.
Operation of the switch is achieved by the insertion of the specially
profiled stainless steel actuator which should be permanently fixed
to the leading edge of the guard door. The standard T15
incorporates actuator retention force of 30N. An optional catch
mechanism helps keep doors shut on vibrating machinery.
Features
• Compact size, 75 x 52 x 32mm (2.95 x 2.05 x 1.26in) case
• 30N actuator retention force
• Strong and versatile, can be used in most applications
• Contacts: 2 N.C. safety or 1 N.C. safety & 1 N.O. auxiliary
• GD2 style available for demanding applications
Applications
Note: Lift-off guards require good alignment when using
tongue actuated interlock switches.
IMPORTANT: It must not be possible to lift the guard
without actuating the interlock. An interlock on either
side may be required.
Specifications
➊ Conductive pollution occurs, or dry, non conductive pollution occur which
becomes conductive due to condensation.
Standards
EN954-1, ISO13849-1, IEC/EN60204-1,
NFPA79, EN1088, ISO14119, IEC/
EN60947-5-1, ANSI B11.19, AS4024.1
Category
Cat. 1 Device per EN954-1
Dual channel interlocks suitable for
Cat. 3 or 4 systems
Approvals
CE marked for all applicable directives,
cULus and TUV Nord
Safety Contacts
2 N.C. or 1 N.C. direct opening action
Designation/Utilization Cat.
A600/AC-15 (Ue)
(Ie)
N600/DC-13 (Ue)
(Ie)
600V 500V 240V 120V
1.2A 1.4A 3A 6A
600V 500V 250V 125V
0.4A 0.55A 1.1A 2.2A
Max. Switched Current/
Voltage/Load
500V/500VA
Thermal Current (lth)
10A
Min Current
5V 5mA DC
Safety Contact Gap
>2 x 2mm (0.078in)
Rtd. Insulation Voltage
(Ui) 500V
Rtd. Impulse Withstand Volt.
(Uimp) 2500V
Auxiliary Contacts
1 N.O.
Pollution Degree ➊
3
Actuator Travel for Positive
Opening
6mm (0.236in)
Min Operating Radius
175mm (6.89in)
60mm (2.36in) with flexible actuator
Break Contact Min Force
30N (6.7lb)
Max Actuation Speed
160mm (6.29) per sec
Max Actuation Frequency
2 Cycle per sec
Case Material
UL approved glass filled polybutylene
terephthalate
Actuator Material
Stainless Steel
Protection
IP67
Conduit Entry
3 x M20 or quick disconnect style
Operating Temperature
-20°C to +80°C (-4°F to +176°F)
Fixing
2 x M5
Mounting
Any position
Mechanical Life
1,000,000 operations
Electrical Life
1,000,000 operations
Weight
120g (0.265lbs)
Colour
Red


Similar Part No. - 440K-T11268

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-T11202 ALLEN-BRADLEY-440K-T11202 Datasheet
128Kb / 6P
   Tongue Switches
440K-T11203 ALLEN-BRADLEY-440K-T11203 Datasheet
128Kb / 6P
   Tongue Switches
440K-T11204 ALLEN-BRADLEY-440K-T11204 Datasheet
128Kb / 6P
   Tongue Switches
440K-T11205 ALLEN-BRADLEY-440K-T11205 Datasheet
128Kb / 6P
   Tongue Switches
440K-T11206 ALLEN-BRADLEY-440K-T11206 Datasheet
128Kb / 6P
   Tongue Switches
More results

Similar Description - 440K-T11268

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-C21096 ALLEN-BRADLEY-440K-C21096 Datasheet
88Kb / 4P
   Tongue Switches
440K-T11090 ALLEN-BRADLEY-440K-T11090 Datasheet
128Kb / 6P
   Tongue Switches
MT-GD2 ALLEN-BRADLEY-MT-GD2 Datasheet
152Kb / 4P
   Tongue Switches
440K-E33036 ALLEN-BRADLEY-440K-E33036 Datasheet
507Kb / 4P
   Tongue Switches
logo
Molex Electronics Ltd.
0638854600 MOLEX11-0638854600 Datasheet
64Kb / 1P
   Mini-Mac Applicator for Ring Tongue, Rectangle Tongue, Spade Tongue, Hook Tongue,
logo
Allen-Bradley
MSR10RD ALLEN-BRADLEY-MSR10RD Datasheet
25Kb / 1P
   Tongue Interlocks
logo
Tyco Electronics
62638-1 MACOM-62638-1 Datasheet
52Kb / 1P
   RING TONGUE
165012 MACOM-165012 Datasheet
48Kb / 1P
   RECTANGULAR TONGUE SLOTTED
logo
List of Unclassifed Man...
SRA-01T-3.2 ETC2-SRA-01T-3.2 Datasheet
131Kb / 3P
   RING TONGUE TERMINAL
logo
Tyco Electronics
130090 MACOM-130090 Datasheet
66Kb / 1P
   TERMINAL, RING TONGUE, P.I.D.G
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com