Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5062 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 1N5062
Description  Silicon Mesa Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N5062 Datasheet(HTML) 1 Page - Vishay Siliconix

  1N5062 Datasheet HTML 1Page - Vishay Siliconix 1N5062 Datasheet HTML 2Page - Vishay Siliconix 1N5062 Datasheet HTML 3Page - Vishay Siliconix 1N5062 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N5059...1N5062
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
1 (4)
Document Number 86000
Silicon Mesa Rectifiers
Features
D Controlled avalanche characteristics
D Glass passivated
D Low reverse current
D High surge current loading
D Hermetically sealed axial–leaded glass
envelope
Applications
Rectifier, general purpose
94 9539
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Reverse voltage
1N5059
VR
200
V
g
=Repetitive peak reverse voltage
1N5060
R
=VRRM
400
V
1N5061
600
V
1N5062
800
V
Peak forward surge current
tp=10ms, half–sinewave
IFSM
50
A
Average forward current
RthJA=45K/W, Tamb=50°C
IFAV
2
A
g
RthJA=100K/W, Tamb=75°C
IFAV
0.8
A
Junction and storage
temperature range
Tj=Tstg
–55...+175
°C
Max. pulse energy in avalanche
mode, non repetitive
(inductive load switch off)
I(BR)R=1A, indicutive load
ER
20
mJ
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
lead length l = 10mm, TL = constant
RthJA
45
K/W
on PC board with spacing 25 mm
RthJA
100
K/W


Similar Part No. - 1N5062

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
1N5062 POWEREX-1N5062 Datasheet
204Kb / 4P
   Passivated Rectifier
logo
Digitron Semiconductors
1N5062 DIGITRON-1N5062 Datasheet
90Kb / 2P
   STANDARD AVALANCHE SINTERGLASS DIODE
logo
General Semiconductor
1N5062 GE-1N5062 Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Diotec Semiconductor
1N5062 DIOTEC-1N5062 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
1N5062 DIOTEC-1N5062 Datasheet
182Kb / 2P
   Silicon Rectifiers
More results

Similar Description - 1N5062

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY203 VISHAY-BY203 Datasheet
33Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BY448 VISHAY-BY448 Datasheet
36Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYX82 VISHAY-BYX82 Datasheet
61Kb / 5P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BY268 VISHAY-BY268 Datasheet
37Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYW52 VISHAY-BYW52 Datasheet
134Kb / 6P
   Silicon Mesa Rectifiers
Rev. 1.6, 14-Apr-05
BY228-13 VISHAY-BY228-13 Datasheet
37Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYW82 VISHAY-BYW82 Datasheet
50Kb / 4P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYT77 VISHAY-BYT77 Datasheet
43Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 3, 07-Dec-99
BYV12 VISHAY-BYV12 Datasheet
48Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYW32 VISHAY-BYW32 Datasheet
46Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com