Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCX589 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FCX589
Description  Power High Performance Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FCX589 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FCX589 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FCX589 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Breakdown Voltages
V(BR)CBO IC=-100ìA
-50
V
Breakdown Voltages *
V(BR)CEO IC=-10mA
-30
V
Breakdown Voltages
V(BR)EBO IE=-100ìA
-5
V
Collector-base cut-off current
ICBO
VCB=-30V
-100
nA
Collector -Emitter Cut-Off Current
ICES
VCE=-30V
-100
nA
Emitter Cut-Off Current
IEBO
VEB=-4V
-100
nA
Collector-emitter saturation voltage *
VCE(sat)
IC=-1A, IB=-100mA
IC=-2A, IB=-200mA
-0.35
-0.65
V
Base-emitter saturation voltage *
VBE(sat) IC=-1A, IB=-100mA
-1.2
V
Base-Emitter Turn-on Voltage *
VBE(on)
IC=-1A, VCE=-2V
-1.1
V
IC=-1mA, VCE=-2V*
100
IC=-500mA, VCE=-2V*
100
300
IC=-1A, VCE=-2V*
80
IC=-2A, VCE=-2V*
40
Transitional frequency
fT
IC=-100mA, VCE=-5V f=100MHz
100
MHz
Output capacitance
Cobo
VCB=-10V, f=1MHz
15
pF
* Pulse test: tp = 300 ìs; d
0.02.
hFE
Static Forward Current Transfer Ratio
FCX589
Marking
Marking
P89


Similar Part No. - FCX589

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX589 ZETEX-FCX589 Datasheet
18Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
logo
Diodes Incorporated
FCX589 DIODES-FCX589 Datasheet
33Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM
FCX589TA DIODES-FCX589TA Datasheet
33Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
FCX589 DIODES-FCX589_15 Datasheet
33Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
More results

Similar Description - FCX589

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FMMT495 KEXIN-FMMT495 Datasheet
36Kb / 2P
   Power High Performance Transistor
FMMT589 KEXIN-FMMT589 Datasheet
35Kb / 1P
   Power High Performance Transistor
FZT751 KEXIN-FZT751 Datasheet
37Kb / 2P
   High Performance Transistor
FMMT455 KEXIN-FMMT455 Datasheet
35Kb / 1P
   High Performance Transistor
logo
STMicroelectronics
3STF1640 STMICROELECTRONICS-3STF1640 Datasheet
395Kb / 12P
   Low voltage high performance NPN power transistor
2STF1525 STMICROELECTRONICS-2STF1525 Datasheet
106Kb / 7P
   Low voltage high performance NPN power transistor
November 2009 Rev 2
2STL1525 STMICROELECTRONICS-2STL1525 Datasheet
144Kb / 8P
   Low voltage high performance NPN power transistor
3STR1630 STMICROELECTRONICS-3STR1630 Datasheet
212Kb / 10P
   Low voltage high performance NPN power transistor
3STL2540 STMICROELECTRONICS-3STL2540 Datasheet
235Kb / 11P
   Low voltage high performance PNP power transistor
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com