Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCX69 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCX69
Description  PNP Silicon AF Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCX69 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BCX69 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCX69 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-emitter breakdown voltage
V(BR)CEO
IC =30mA, IB =0
20
V
Collector-base breakdown voltage
V(BR)CBO
IC =10ìA, IB =0
25
V
Emitter-base breakdown voltage
V(BR)EBO
IE =1ìA, IC =0
5
V
VCB =25V, IE = 0
100
nA
VCB =25V, IE =0, TA = 150
100
ìA
DC current gain *
hFE
IC =5mA, VCE =10V
50
BCX69
85
375
DC current gain *
BCX69-10
85
100
160
BCX69-16
100
160
250
BCX69-25
160
250
375
DC current gain *
hFE
IC =1A, VCE =1V
60
Collector-emitter saturation voltage *
VCE(sat)
IC =1A, IB = 100 mA
0.5
Base-emitter voltage
*
VBE(ON)
IC =5mA, VCE =10V
0.6
IC =1A, VCE =1V
1
Transition frequency
fT
IC = 100 mA, VCE = 5 V, f = 20 MHz
100
MHz
* Pulse test: t
300ìs, D = 2%.
V
ICBO
Collector cutoff current
hFE
IC = 500 mA, VCE =1V
BCX69
hFE Classification
TYPE
BCX69
BCX69-10
BCX69-16
BCX69-25
Marking
CE
CF
CG
CH


Similar Part No. - BCX69

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCX69 ZETEX-BCX69 Datasheet
16Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCX69 SIEMENS-BCX69 Datasheet
145Kb / 4P
   PNP Silicon AF Transistors (For general AF applications High collector current)
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Shenzhen Jin Yu Semicon...
BCX69 HTSEMI-BCX69 Datasheet
416Kb / 2P
   TRANSISTOR (PNP)
logo
Galaxy Semi-Conductor H...
BCX69 BILIN-BCX69 Datasheet
225Kb / 4P
   PNP Silicon AF Transistors
More results

Similar Description - BCX69

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com