Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD874 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD874
Description  Silicon NPN Epitaxial Planar Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD874 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD874 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD874 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Symbol
Testconditons
Min
Typ
Max
Unit
2SD874
30
V
2SD874A
60
V
2SD874
25
V
2SD874A
50
V
VEBO
IE = 10ìA, IC =0
5
V
ICBO
VCB =20V, IB =0
0.1
ìA
hFE
VCE =10V, IC = 500 mA
85
340
?
VCE(sat) IC = 500 mA, IB =50mA
0.2
0.4
V
VBE(sat) IC = 500 mA, IB = 50 mA
0.85
1.2
V
fT
VCB =10V, IE = -50 mA, f = 200 MHz
200
MHz
Cob
VCB =10V, IE = 0, f = 1 MHz
20
pF
Transition frequency
Collector output capacitance
Parameter
Emitter-base voltage
Collector-base cutoff current
Forward current transfer ratio
Collector-base voltage
Collector-emitter voltage
IC =10ìA, IE =0
IC =2mA, IB =0
Collector-emitter saturation voltage
Base-emitter saturation voltage
VCBO
VCEO
hFE Classification
Marking
Rank
Q
R
S
hFE
85
170
120
240
170
340
2SD874:Z, 2SD874A:Y
2SD874,2SD874A


Similar Part No. - 2SD874

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD874 PANASONIC-2SD874 Datasheet
39Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SD874 PANASONIC-2SD874 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD874 PANASONIC-2SD874 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type
2SD874 PANASONIC-2SD874 Datasheet
90Kb / 3P
   Silicon NPN epitaxial planar type
logo
Shenzhen Jin Yu Semicon...
2SD874 HTSEMI-2SD874 Datasheet
315Kb / 1P
   TRANSISTOR (NPN)
More results

Similar Description - 2SD874

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
UNR2225 PANASONIC-UNR2225 Datasheet
133Kb / 5P
   Silicon NPN epitaxial planar type
2SD1707 PANASONIC-2SD1707 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
   Silicon NPN epitaxial planar type
logo
Guangdong Kexin Industr...
2SC5026 KEXIN-2SC5026 Datasheet
50Kb / 1P
   Silicon NPN Epitaxial Planar Type
logo
Panasonic Semiconductor
2SC1567 PANASONIC-2SC1567 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SC1568 PANASONIC-2SC1568 Datasheet
94Kb / 4P
   Silicon NPN epitaxial planar type
2SC2590 PANASONIC-2SC2590 Datasheet
80Kb / 3P
   Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
MT3S03AS TOSHIBA-MT3S03AS Datasheet
119Kb / 2P
   SILICON NPN EPITAXIAL PLANAR TYPE
logo
Panasonic Semiconductor
UNR1211 PANASONIC-UNR1211 Datasheet
347Kb / 14P
   Silicon NPN epitaxial planar type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com