Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4224B-CFL Datasheet(PDF) 6 Page - TEMIC Semiconductors

Part # U4224B-CFL
Description  Time Code Receiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4224B-CFL Datasheet(HTML) 6 Page - TEMIC Semiconductors

Back Button U4224B-CFL Datasheet HTML 2Page - TEMIC Semiconductors U4224B-CFL Datasheet HTML 3Page - TEMIC Semiconductors U4224B-CFL Datasheet HTML 4Page - TEMIC Semiconductors U4224B-CFL Datasheet HTML 5Page - TEMIC Semiconductors U4224B-CFL Datasheet HTML 6Page - TEMIC Semiconductors U4224B-CFL Datasheet HTML 7Page - TEMIC Semiconductors U4224B-CFL Datasheet HTML 8Page - TEMIC Semiconductors U4224B-CFL Datasheet HTML 9Page - TEMIC Semiconductors U4224B-CFL Datasheet HTML 10Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
U4224B
TELEFUNKEN Semiconductors
Rev. A3, 02-Apr-96
6 (17)
Electrical Characteristics
VCC = 3 V, reference point pin 3, input signal frequency 80 kHz, Tamb = 25
_C, unless otherwise specified
Parameters
Test Conditions / Pin
Symbol
Min.
Typ.
Max.
Unit
Supply voltage range
pin 1
VCC
1.2
5.25
V
Supply current
pin 1
without reception signal
with reception signal = 200
mV
OFF-mode
ICC
15
30
25
0.1
mA
mA
mA
Set-up time after VCC ON
VCC = 1.5 V
t
2
s
AGC AMPLIFIER INPUT; IN
pin 2
Reception frequency range
fin
40
80
kHz
Minimum input voltage
Rres = 100 k
W, Qres > 30
Vin
1
1.5
mV
Maximum input voltage
Vin
40
80
mV
Input capacitance to ground
Cin
1.5
pF
TIMING CODE OUTPUT; TCO
pin 16
Output voltage
HIGH
LOW
RLOAD = 870 k
W to GND
RLOAD = 650 k
W to VCC
VOH
VOL
VCC- 0.4
0.4
V
V
Output current
HIGH
LOW
VTCO = VCC/2
VTCO = VCC/2
ISOURCE
ISINK
3
4
10
12
mA
mA
Decoding characteristics
DCF77 based on the values of
the application circuit
page KEIN MERKER:
TCO pulse width 100 ms
TCO pulse width 200 ms
Delay compared with the
transient of the RF signal:
drop down (start transition)
rise for 100 ms pulse
(end transition)
rise for 200 ms pulse
(end transition)
t100
t200
ts
te1
te2
60
160
30
25
10
90
190
130
230
60
55
30
ms
ms
ms
ms
ms
Decoding characteristics
WWVB based on the values of
the application circuit
page KEIN MERKER:
TCO pulse width 200 ms
TCO pulse width 500 ms
TCO pulse width 800 ms
Delay compared with the
transient of the RF signal:
drop down (start transition)
rise (end transition)
t200
t500
t800
ts
te
140
440
740
45
20
200
500
800
80
45
ms
ms
ms
ms
ms


Similar Part No. - U4224B-CFL

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
U422 CALOGIC-U422 Datasheet
28Kb / 2P
   N-Channel Dual JFET
logo
Micross Components
U422 MICROSS-U422 Datasheet
276Kb / 1P
   Linear Systems replaces discontinued Siliconix U422
logo
Linear Integrated Syste...
U422 LINEAR-U422 Datasheet
180Kb / 2P
   LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL
logo
Tripp Lite. All Rights ...
U422-003 TRIPPLITE-U422-003 Datasheet
159Kb / 3P
   USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) to USB 3.0 Type-B M/M, 3-ft. Length
U422-003-G2 TRIPPLITE-U422-003-G2 Datasheet
160Kb / 3P
   USB 3.1 Gen 2 (10 Gbps) Cable, USB Type-C (USB-C) to USB 3.0 Type-B (M/M), 3 ft.
More results

Similar Description - U4224B-CFL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS2008B RENESAS-ICS2008B Datasheet
733Kb / 23P
   SMPTE Time Code Receiver/Generator
2019
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
   SMPTE Time Code Receiver/Generator
logo
Integrated Circuit Syst...
ICS2008B ICST-ICS2008B Datasheet
316Kb / 21P
   SMPTE Time Code Receiver/Generator
logo
OKI electronic componet...
ML6190B OKI-ML6190B Datasheet
108Kb / 11P
   Longwave Time Code RF Receiver LSI
ML6190A OKI-ML6190A Datasheet
109Kb / 11P
   Longwave Time Code RF Receiver LSI
logo
TEMIC Semiconductors
U4226B TEMIC-U4226B Datasheet
920Kb / 17P
   TIME-CODE RECEIVER WITH TC OUTPUT
logo
ATMEL Corporation
U4223B ATMEL-U4223B Datasheet
138Kb / 18P
   Time-Code Receiver with A/D Converter
logo
List of Unclassifed Man...
AK2124 ETC-AK2124 Datasheet
105Kb / 6P
   Receiver/Demodulator for time code signals transmitted by the transmitters
AK2127 ETC-AK2127 Datasheet
98Kb / 6P
   Receiver/ Demodulator for time code signals transmitted by the transmitter
logo
Sanyo Semicon Device
LA1654FN SANYO-LA1654FN Datasheet
99Kb / 4P
   Time Code Reception IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com