Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3646 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3646
Description  High-Voltage Switching Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3646 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3646 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC3646 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SC3646 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
Features
Adoption of FBET, MBIT Processes
High Breakdown Voltage and Large Current Capacity
Fast Switching Time
High-Voltage Switching Applications
2SC3646
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
120
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
6V
Collector Current
IC
1A
Collector Current (Pulse)
ICP
2A
PC
500
mW
PC*
1.3
W
Jumction temperature
Tj
150
Storage temperature Range
Tstg
-55to+150
* Mounted on ceramic board (250 mm
2 x 0.8 mm)
Collector Power Dissipation
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector Cut-off Current
ICBO
VCB = 100V , IE = 0
100
nA
Emitter Cut-off Current
IEBO
VEB =4V , IC = 0
100
nA
Collector-Base Breakdown Voltage
V(BR)CBO IC = 10uA , IE = 0
120
V
Collector-Emitter Breakdown Voltage
V(BR)CEO IC =1mA , RBE =
100
V
Emitter-Base Breakdown Voltage
V(BR)EBO IE = 10uA , IC =0
6
V
DC Current Gain
hFE
VCE =5V , IC = 100mA
100
400
Collector-Emitter Saturation Voltage
VCE(sat) IC = 400mA , IB = 40mA
0.2
0.6
V
Base-Emitter Saturation Voltage
VBE(sat) IC = 400mA , IB = 40mA
0.85
1.2
V
Gain-Bandwidth Product
fT
VCE = 10V , IC = 100mA
120
MHz
Collector Output Capacitance
Cob
VCB = 10V , IE = 0 , f = 1MHz
13
pF
Turn-On Time
ton
80
Storage Time
tstg
700
Fall Time
tf
40
ns
See Test Circuit.


Similar Part No. - 2SC3646

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3646 SANYO-2SC3646 Datasheet
124Kb / 4P
   High-Voltage Switching Applications
2SC3646 SANYO-2SC3646 Datasheet
113Kb / 5P
   High-Voltage Switching Applications
2SC3646 SANYO-2SC3646 Datasheet
457Kb / 7P
   High-Voltage Switching Applications
logo
ON Semiconductor
2SC3646 ONSEMI-2SC3646 Datasheet
358Kb / 7P
   Bipolar Transistor High breakdown voltage and large current capacity
September, 2013
logo
Shenzhen Luguang Electr...
2SC3646 LUGUANG-2SC3646 Datasheet
1Mb / 3P
   High-Voltage Switching Applications
More results

Similar Description - 2SC3646

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768_12 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770_12 Datasheet
515Kb / 7P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5361 TOSHIBA-2SC5361_04 Datasheet
147Kb / 5P
   High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1417_0608 SANYO-2SA1417_0608 Datasheet
63Kb / 5P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5548 TOSHIBA-2SC5548_05 Datasheet
202Kb / 5P
   High Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
   High-Voltage Switching Applications
2SC4450 SANYO-2SC4450 Datasheet
80Kb / 3P
   High-Voltage Switching Applications
2SC4451 SANYO-2SC4451 Datasheet
83Kb / 3P
   High-Voltage Switching Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com