Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2407B Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # U2407B
Description  Simple Controller for Fast Charge Systems
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U2407B Datasheet(HTML) 1 Page - TEMIC Semiconductors

  U2407B Datasheet HTML 1Page - TEMIC Semiconductors U2407B Datasheet HTML 2Page - TEMIC Semiconductors U2407B Datasheet HTML 3Page - TEMIC Semiconductors U2407B Datasheet HTML 4Page - TEMIC Semiconductors U2407B Datasheet HTML 5Page - TEMIC Semiconductors U2407B Datasheet HTML 6Page - TEMIC Semiconductors U2407B Datasheet HTML 7Page - TEMIC Semiconductors U2407B Datasheet HTML 8Page - TEMIC Semiconductors U2407B Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
U2407B
TELEFUNKEN Semiconductors
Rev. A4, 05-Mar-97
1 (16)
Simple Controller for Fast Charge Systems
Description
The bipolar IC U2407B is a fast charge battery controller
for drained NiCd/ NiMH batteries. Apart from phase
control, it is identical with U2405B, but has four LED
outputs. The IC enables the designer to create an efficient
and economic charge system. The U2407B incorporates
an intelligent multiple-gradient battery-voltage moni-
toring combined with temperature and failure mode
detection.
With
automatic
top-off
charging,
the
integrated circuit ensures that the charge device stops
regular charging before the critical stage of overcharging
is achieved. It incorporates an additional algorithm for
reactivating fully drained batteries especially after long
time storage. It has four LED driver outputs for different
indications of the charge status.
Features
D Multiple gradient monitoring
D Temperature window (Tmin/Tmax)
D Exact currentless measurement
D Four LED status outputs
D Linear power control
D Preferred for externally regulated current sources
D Preformation algorithm for drained batteries
D Programmable top-off charge function
Applications
D Primary switch mode
D AC/ DC wall plug adapter
D Ultra fast charger (10 minutes)
Package: DIP16/ SO16
Gradient
d2V/dt2 and –dV
4
2
3
Power supply
VS = 8 to 26 V
Switch output
Power - on control
VRef
6.5 V/10 mA
13
Oscillator
160 mV
Ref
Temp. control
Tmax
Sensor
Battery
detection
VRef = 5 V
Status control
Scan path
VBatt monitor
0.1 to 4 V
Charge break
output
Control unit
12
15
10
9
5
67
8
16
14
1
95 10648
11
Figure 1. Block diagram


Similar Part No. - U2407B

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
U2400 INTEL-U2400 Datasheet
1Mb / 91P
   Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
logo
TEMIC Semiconductors
U2400B TEMIC-U2400B Datasheet
885Kb / 15P
   Charging of Batteries with Automatic Pre-Discharge
U2402B TEMIC-U2402B Datasheet
317Kb / 17P
   Fast Charge Controller for NiCd/NiMH Batteries
U2403B TEMIC-U2403B Datasheet
164Kb / 12P
   Charge Timer
U2405B TEMIC-U2405B Datasheet
312Kb / 17P
   Fast Charge Controller for Drained NiCd/NiMH Batteries
More results

Similar Description - U2407B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DN05132 ONSEMI-DN05132 Datasheet
647Kb / 4P
   LiB Charge/Discharge Controller for Charging Cradle Systems
December 2019, Rev. 0
logo
TEMIC Semiconductors
U2402B TEMIC-U2402B Datasheet
317Kb / 17P
   Fast Charge Controller for NiCd/NiMH Batteries
U2405B TEMIC-U2405B Datasheet
312Kb / 17P
   Fast Charge Controller for Drained NiCd/NiMH Batteries
logo
Silicon Standard Corp.
SSM70L02H SSC-SSM70L02H Datasheet
297Kb / 6P
   Low Gate Charge Simple Drive Requirement Fast Switching
logo
Advanced Power Electron...
AP2310GK-HF A-POWER-AP2310GK-HF Datasheet
60Kb / 4P
   Simple Drive Requirement, Lower Gate Charge, Fast Switching Characteristic
AP9575AGI-HF A-POWER-AP9575AGI-HF Datasheet
100Kb / 4P
   Lower Gate Charge, Simple Drive Requirement, Fast Switching Characteristic
AP9575GP-HF A-POWER-AP9575GP-HF Datasheet
103Kb / 4P
   Lower Gate Charge, Simple Drive Requirement, Fast Switching Characteristic
AP9575GS-HF A-POWER-AP9575GS-HF Datasheet
103Kb / 4P
   Lower Gate Charge, Simple Drive Requirement, Fast Switching Characteristic
AP9575GM A-POWER-AP9575GM Datasheet
71Kb / 4P
   Lower Gate Charge, Simple Drive Requirement, Fast Switching Characteristic
AP9998GI-HF A-POWER-AP9998GI-HF Datasheet
59Kb / 4P
   Lower Gate Charge Simple Drive Requirement Fast Switching Characteristic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com