Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U211B3 Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part # U211B3
Description  Phase Control Circuit - General Purpose Feedback
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U211B3 Datasheet(HTML) 5 Page - TEMIC Semiconductors

  U211B3 Datasheet HTML 1Page - TEMIC Semiconductors U211B3 Datasheet HTML 2Page - TEMIC Semiconductors U211B3 Datasheet HTML 3Page - TEMIC Semiconductors U211B3 Datasheet HTML 4Page - TEMIC Semiconductors U211B3 Datasheet HTML 5Page - TEMIC Semiconductors U211B3 Datasheet HTML 6Page - TEMIC Semiconductors U211B3 Datasheet HTML 7Page - TEMIC Semiconductors U211B3 Datasheet HTML 8Page - TEMIC Semiconductors U211B3 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
U211B2/ B3
TELEFUNKEN Semiconductors
Rev. A1, 29-May-96
5 (20)
C = 1
mF
10 V
95 10363
18
17
16
15
123
4
R = 1 M
W
Figure 5. Operation delay
Control Amplifier (Figure 2)
The integrated control amplifier with differential input
compares the set value (Pin 11) with the instantaneous
value on Pin 10 and generates a regulating voltage on the
output Pin 12 (together with the external circuitry on
Pin 12) which always tries to hold the actual voltage at the
value of the set voltages. The amplifier has a
transmittance of typically 1000
mA/V and a bipolar
current source output on Pin 12 which operates with
typically
±110 mA. The amplification and frequency
response are determined by R7, C7, C8 and R11 (can be left
out). For open loop operation, C4, C5, R6, R7, C7, C8 and
R11 can be omitted. Pin 10 should be connected with
Pin 12 and Pin 8 with Pin 2. The phase angle of the
triggering pulse can be adjusted using the voltage on
Pin 11. An internal limitation circuit prevents the voltage
on Pin 12 from becoming more negative than V16 + 1 V.
Load Limitation
The load limitation, with standard circuitry, provides
absolute protection against overloading of the motor. the
function of the load limiting takes account of the fact that
motors operating at higher speeds can safely withstand
large power dissipations than at lower speeds due to the
increased action of the cooling fan. Similary, consider-
ations have been made for short term overloads for the
motor which are, in practice, often required. These
finctions are not damaging and can be tolerated.
In each positive half-cycle, the circuit measures via R10
the load current on Pin 14 as a potential drop across R8
and produces a current proportional to the voltage on
Pin 14. This current is available on Pin 15 and is
integrated by C9. If, following high current amplitudes or
a large phase angle for current flow, the voltage on C9
exceeds an internally set threshold of approx. 7.3 V
(reference voltage Pin 16) then a latch is set and the load
limiting is turned on. A current source (sink) controlled
by the control voltage on Pin 15 now draws current from
Pin 12 and lowers the control voltage on Pin 12 so that the
phase angle
a is increased to amax.
The simultaneous reduction of the phase angle during
which current flows causes firstly: a reduction of the
rotational speed of the motor which can even drop to zero
if the angular momentum of the motor is excessively
large, and secondly: a reduction of the potential on C9
which in turn reduces the influence of the current sink on
Pin 12. The control voltage can then increase again and
bring down the phase angle. This cycle of action sets up
a “balanced condition” between the “current integral” on
Pin 15 and the control voltage on Pin 12.
Apart from the amplitude of the load current and the time
during which current flows, the potential on Pin 12 and
hence the rotational speed also affects the function of the
load limiting. A current proportional to the potential on
Pin 10 gives rise to a voltage drop across R10, via Pin 14,
so that the current measured on Pin 14 is smaller than the
actual current through R8.
This means that higher rotational speeds and higher
current amplitudes lead to the same current integral.
Therefore, at higher speeds, the power dissipation must
be greater than that at lower speeds before the internal
threshold voltage on Pin 15 is exceeded. The effect of
speed on the maximum power is determined by the
resistor R10 and can therefore be adjusted to suit each
individual application.
If, after the load limiting has been turned on, the
momentum of the load sinks below the “o-momentum”
set using R10, then V15 will be reduced. V12 can then in-
crease again so that the phase angle is reduced. A smaller
phase angel corresponds to a larger momentum of the mo-
tor and hence the motor runs up - as long as this is allowed
by the load momentum. For an already rotating machine,
the effect of rotation on the measured “current integral”
ensures that the power dissipation is able to increase with
the rotational speed. the result is: a current controlled
accelleration run-up., which ends in a small peak of accel-
leraton when the set point is reached. The latch of the load
limiting is simultaneously reset. The speed of the motor
is then again under control and it is capable of carrying its
full load. The above mentioned peak of accelleration
depends upon the ripple of actual speed voltage. A large
amount of ripple also leads to a large peak of
accelleration.
The measuring resistor R8 should have a value which
ensures that the amplitude of the voltage across it does not
exceed 600 mV.


Similar Part No. - U211B3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U211B ETC1-U211B Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
logo
ATMEL Corporation
U211B ATMEL-U211B Datasheet
605Kb / 30P
   Phase Control IC with Overload Limitation for Tacho Applications
U211B-XFPG3Y ATMEL-U211B-XFPG3Y Datasheet
605Kb / 30P
   Phase Control IC with Overload Limitation for Tacho Applications
U211B-XFPY ATMEL-U211B-XFPY Datasheet
605Kb / 30P
   Phase Control IC with Overload Limitation for Tacho Applications
U211B-XY ATMEL-U211B-XY Datasheet
605Kb / 30P
   Phase Control IC with Overload Limitation for Tacho Applications
More results

Similar Description - U211B3

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL2010B INTEGRAL-IL2010B Datasheet
274Kb / 7P
   PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
logo
TEMIC Semiconductors
U2010B TEMIC-U2010B Datasheet
202Kb / 12P
   Phase Control Circuit for Current Feedback
logo
ARTSCHIP ELECTRONICS CO...
U2010B ARTSCHIP-U2010B Datasheet
3Mb / 11P
   Phase Control Circuit for Current Feedback
logo
TEMIC Semiconductors
U210B TEMIC-U210B Datasheet
378Kb / 15P
   Phase Control Circuit - Load Current Feedback Applications
U210B1 TEMIC-U210B1 Datasheet
166Kb / 12P
   Phase Control Circuit Load Current Feedback Applications
U2008B TEMIC-U2008B Datasheet
122Kb / 10P
   Low Cost Current Feedback Phase Control Circuit
U111B TEMIC-U111B Datasheet
431Kb / 6P
   Phase Control Circuit
logo
Mitel Networks Corporat...
TDA2086 MITEL-TDA2086 Datasheet
64Kb / 6P
   PHASE CONTROL INTEGRATED CIRCUIT
MAY 1992
logo
TEMIC Semiconductors
TEA1007 TEMIC-TEA1007 Datasheet
124Kb / 8P
   Simple Phase Control Circuit
logo
NTE Electronics
NTE989 NTE-NTE989 Datasheet
27Kb / 4P
   Integrated Circuit General Purpose Phase Lock Loop (PLL)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com