Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC857B Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BC857B
Description  PNP Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC857B Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BC857B Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC857B Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BC857B Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
Transistors
2
www.kexin.com.cn
Electrical Characteristics Ta = 25
Symbol
Testconditons
Min
Typ
Max
Unit
KC856
-80
KC857
-50
KC858
-30
KC856
-65
KC857
-45
KC858
-30
Emitter-base breakdown voltage
VEBO
IE= -10ìA, IC=0
-5
V
KC856
VCB=-70 V,IE=0
KC857
VCB=-45 V,IE=0
KC858
VCB=-25 V,IE=0
KC856
VCE=-60 V,IB=0
KC857
VCE=-40 V,IB=0
KC858
VCE=-25 V,IB=0
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-0.1
A
KC856A, 857A,858A
120
250
KC856B, 857B,858B
220
475
KC857C,KC858C
420
800
Collector-emitter saturation voltage
VCE(sat) IC=-100mA, IB=-5mA
-0.5
V
Base-emitter saturation voltage
VBE(sat) IC= -100 mA, IB= -5mA
-1.1
V
Collector capacitance
Cob
VCB=-10V,f=1MHz
4.5
pF
Transition frequency
fT
VCE=-5V,IC=-
10mA,f=100MHz
100
MHz
V
V
VCE=-5V,IC=-2mA
A
A
-0.1
-0.1
Parameter
Ic= -10ìA, IE=0
Ic=-10 mA,IB=0
ICBO
Collector cut-off current
Collector-base breakdown voltage
VCBO
VCEO
Collector-emitter breakdown voltage
hFE
DC current gain
Collector cut-off current
ICEO
Marking
NO.
KC856A
KC856B
Marking
3A
3B
NO.
KC857A
KC857B
KC857C
Marking
3E
3F
3G
NO.
KC858A
KC858B
KC858C
Marking
3J
3K
3L
KC856A,B/KC857A,B,C/KC858A,B,C
(BC856A,B/BC857A,B,C/BC858A,B,C)


Similar Part No. - BC857B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC857B PHILIPS-BC857B Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
ON Semiconductor
BC857B ONSEMI-BC857B Datasheet
84Kb / 6P
   General Purpose Transistors
April, 2015 ??Rev. 4
logo
Diotec Semiconductor
BC857B DIOTEC-BC857B Datasheet
145Kb / 2P
   SMD General Purpose PNP Transistors
logo
Central Semiconductor C...
BC857B CENTRAL-BC857B Datasheet
116Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Goodwork Semiconductor ...
BC857B GWSEMI-BC857B Datasheet
344Kb / 4P
   Ideally suited for automatic insertion
More results

Similar Description - BC857B

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com