Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6416AG24ER Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6416AG24ER
Description  Dual LDO Voltage Regulator with ?쏥reenOperation?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6416AG24ER Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6416AG24ER Datasheet HTML 1Page - Torex Semiconductor XC6416AG24ER Datasheet HTML 2Page - Torex Semiconductor XC6416AG24ER Datasheet HTML 3Page - Torex Semiconductor XC6416AG24ER Datasheet HTML 4Page - Torex Semiconductor XC6416AG24ER Datasheet HTML 5Page - Torex Semiconductor XC6416AG24ER Datasheet HTML 6Page - Torex Semiconductor XC6416AG24ER Datasheet HTML 7Page - Torex Semiconductor XC6416AG24ER Datasheet HTML 8Page - Torex Semiconductor XC6416AG24ER Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5/30
XC6416
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUITS
VOUT(T)≧2.0V, (A/B Series)
VEN=VIN, IOUT=10mA
×0.99
(*3)
×1.01
(*3)
VOUT(T)≦1.95V, (A/B Series)
VEN=VIN, IOUT=10mA
- 0.02
(*3)
+ 0.02
(*3)
VOUT(T)≧1.5V(E/F Series)
VEN=VIN, IOUT=10mA
×0.98
(*3)
×1.02
(*3)
Output Voltage 1 (HS*)
VOUT1(E)
(*2)
VOUT(T)≦1.45V(E/F Series)
VEN=VIN, IOUT=10mA
- 0.03
(*3)
VOUT(T)
(*4)
+ 0.03
(*3)
V
VOUT(T)≧2.0V,
VEN=VIN, IOUT=0.1mA
×0.97
(*3)
×1.03
(*3)
Output Voltage 2 (PS*)
VOUT2(E)
(*2)
VOUT≦1.95V,
VEN=VIN, IOUT=0.1mA
- 0.06
(*3)
VOUT(T)
(*4)
+ 0.06
(*3)
V
Output Current
IOUTMAX
200
-
-
mA
Load Regulation
ΔVOUT
VEN=VIN, 10mA≦IOUT≦100mA
E-1
mV
Dropout Voltage
(*5)
Vdif
IOUT=100mA, VEN=VIN
E-2
mV
Supply Current 1 (HS*)
ISS1
VIN=VEN=VOUT(T)+1.0V,
-
28
60
μ
A
Supply Current 2 (PS*)
ISS2
VIN=VEN= VOUT(T)+1.0V,
-
5.0
12
μ
A
Stand-by Current
ISTBY
VIN=6.0V, VEN=VSS
-
0.01
0.1
μ
A
VOUT(T)+0.5V≦VIN≦6.0V
VOUT(T)≧1.0V, VEN=VIN,
IOUT=10mA
Line Regulation 1 (HS*)
ΔVOUT/
(ΔVIN・VOUT)
1.5V≦VIN≦6.0V
VOUT(T)≦0.95V, VEN=VIN,
IOUT=10mA
-
0.01
0.2
%/V
Input Voltage
VIN
1.5
-
6.0
V
Output Voltage
Temperature Characteristics
ΔVOUT/
(ΔTa・VOUT)
VEN=VIN, IOUT=30mA
-40℃≦Ta≦85℃
-
±100
-
ppm/℃
Ripple Rejection Rate
PSRR
VIN={VOUT(T)+1.0} VDC+0.5Vp-pAC
-
60
-
dB
Limit Current
ILIM
VEN=VIN
210
300
-
mA
Short Current
ISHORT
VEN=VIN, Short VOUT to VSS level
-
20
-
mA
PS Switching Current
IGOR
VEN=VIN, IOUT=Heavy to light load
0.25
1.5
mA
HS Switching Current
IGO
VEN=VIN, IOUT=Light to heavy load
4
7.5
mA
Switching Current Hysteresis
IGOhys
IGOhys=IGO-IGOR
2.5
mA
PS Switching Delay Time
tDPS
VEN=VIN,
E-3
μs
EN High Level Voltage
VENH
1.2
6
V
EN Low Level Voltage
VENL
0.3
V
EN High Level Current
IENH
VEN=VIN
-0.1
0.1
μA
EN Low Level Current
IENL
VEN=VSS
-0.1
0.1
μA
CL Discharge Resistance
(*8)
RDCHG
VIN=6.0V, VOUT=4.0V, VEN=VSS
550
■ELECTRICAL CHARACTERISTICS
●XC6416A/B/E/F Series
Regulator 1, Regulator 2
Ta=25℃
NOTE:
*HS: High Speed Mode, PS: Power Save Mode
*1: Unless otherwise stated, VIN=VOUT (T) +1.0V.
*2: VOUT (E)= Nominal output voltage (see the voltage chart)
(ie. The output voltage when VOUT (T) +1.0V is provided at the VIN pin while maintaining a certain IOUT value.
*3 : Characteristics of the effective VOUT(E) by nominal output voltage is shown in the voltage chart.
*4 : VOUT(T) : Nominal output voltage
*5: Vdif={VIN1
(*7)−VOUT1(*6)}
*6: VOUT1: A voltage equal to 98% of the VOUT (T) when an amply stabilized VOUT (T) +1.0V is input.
*7: VIN1: The input voltage when the VOUT1 voltage appears at the VOUT pin during decreasing input voltage gradually.
*8: For XC6416xB/Bx/xF/Fx series only.
XC6416xA/Ax/xE/Ex series discharge with only Rx1 and Rx2 resistors as shown in the BLOCK DIAGRAMS.
*9: When each channel is measured, the other channel is turned off (VEN=VSS).


Similar Part No. - XC6416AG24ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6411 TOREX-XC6411 Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001EL TOREX-XC6411P001EL Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001ER TOREX-XC6411P001ER Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001ML TOREX-XC6411P001ML Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001MR TOREX-XC6411P001MR Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
More results

Similar Description - XC6416AG24ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220 TOREX-XC6220 Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
logo
Interpion semiconductor
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1525 INTERPION-IP1525 Datasheet
219Kb / 11P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
logo
Seaward Electronics Inc...
SE5221 SEAWARD-SE5221 Datasheet
204Kb / 7P
   Dual 200mA CMOS LDO Voltage Regulator
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9006A RICHTEK-RT9006A Datasheet
201Kb / 10P
   Dual LDO Regulator with Reset Function
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
logo
ON Semiconductor
NCV8703 ONSEMI-NCV8703_13 Datasheet
1Mb / 17P
   LDO Voltage Regulator
June, 2013 ??Rev. 1
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com