Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3024EFE-TR Datasheet(PDF) 4 Page - Linear Technology

Part # LT3024EFE-TR
Description  Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3024EFE-TR Datasheet(HTML) 4 Page - Linear Technology

  LT3024EFE-TR Datasheet HTML 1Page - Linear Technology LT3024EFE-TR Datasheet HTML 2Page - Linear Technology LT3024EFE-TR Datasheet HTML 3Page - Linear Technology LT3024EFE-TR Datasheet HTML 4Page - Linear Technology LT3024EFE-TR Datasheet HTML 5Page - Linear Technology LT3024EFE-TR Datasheet HTML 6Page - Linear Technology LT3024EFE-TR Datasheet HTML 7Page - Linear Technology LT3024EFE-TR Datasheet HTML 8Page - Linear Technology LT3024EFE-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT3024
4
3024fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Current Limit
Output 2, VIN = 7V, VOUT = 0V
VIN = 2.3V, ΔVOUT = –0.1V
l
110
200
mA
mA
Output 1, VIN = 7V, VOUT = 0V
VIN = 2.3V, ΔVOUT = –0.1V
l
520
700
mA
mA
Input Reverse Leakage Current
VIN = –20V, VOUT = 0V
l
1mA
Reverse Output Current (Notes 3,10) VOUT = 1.22V, VIN < 1.22V
5
10
μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3024 is tested and specified under pulse load conditions
such that TJ ≅ TA. The LT3024E is 100% tested at TA = 25°C. Performance
at – 40°C and 125°C is assured by design, characterization and correlation
with statistical process controls. The LT3024I is guaranteed over the full
–40°C to 125°C operating junction temperature range.
Note 3: The LT3024 is tested and specified for these conditions with the
ADJ1/ADJ2 pin connected to the corresponding OUT1/OUT2 pin.
Note 4: Operating conditions are limited by maximum junction
temperature. The regulated output voltage specification will not apply
for all possible combinations of input voltage and output current. When
operating at maximum input voltage, the output current range must be
limited. When operating at maximum output current, the input voltage
range must be limited.
Note 5: To satisfy requirements for minimum input voltage, the LT3024 is
tested and specified for these conditions with an external resistor divider
(two 250k resistors) for an output voltage of 2.44V. The external resistor
divider will add a 5μA DC load on the output.
Note 6: Dropout voltage is the minimum input to output voltage differential
needed to maintain regulation at a specified output current. In dropout, the
output voltage will be equal to: VIN – VDROPOUT.
Note 7: GND pin current is tested with VIN = 2.44V and a current source
load. This means the device is tested while operating in its dropout region
or at the minimum input voltage specification. This is the worst-case GND
pin current. The GND pin current will decrease slightly at higher input
voltages. Total GND pin current is equal to the sum of GND pin currents
from Output 1 and Output 2.
Note 8: ADJ1 and ADJ2 pin bias current flows into the pin.
Note 9:
SHDN1 and SHDN2 pin current flows into the pin.
Note 10: Reverse output current is tested with the IN pin grounded and the
OUT pin forced to the rated output voltage. This current flows into the OUT
pin and out the GND pin.
Note 11: For the LT3024 dropout voltage will be limited by the minimum
input voltage specification under some output voltage/load conditions.
See the curve of Minimum Input Voltage in the Typical Performance
Characteristics.


Similar Part No. - LT3024EFE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3024EFE LINER-LT3024EFE Datasheet
493Kb / 16P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
More results

Similar Description - LT3024EFE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3024 LINER-LT3024 Datasheet
493Kb / 16P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_15 Datasheet
263Kb / 20P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3023 LINER-LT3023 Datasheet
581Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3023 LINER-LT3023_15 Datasheet
279Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3028 LINER-LT3028_15 Datasheet
345Kb / 16P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulators with Independent Inputs
LT3028 LINER-LT3028 Datasheet
335Kb / 16P
   Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulators with Independent Inputs
LT3027 LINER-LT3027_15 Datasheet
338Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator with Independent Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com