Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3024IFE Datasheet(PDF) 1 Page - Linear Technology

Part # LT3024IFE
Description  Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3024IFE Datasheet(HTML) 1 Page - Linear Technology

  LT3024IFE Datasheet HTML 1Page - Linear Technology LT3024IFE Datasheet HTML 2Page - Linear Technology LT3024IFE Datasheet HTML 3Page - Linear Technology LT3024IFE Datasheet HTML 4Page - Linear Technology LT3024IFE Datasheet HTML 5Page - Linear Technology LT3024IFE Datasheet HTML 6Page - Linear Technology LT3024IFE Datasheet HTML 7Page - Linear Technology LT3024IFE Datasheet HTML 8Page - Linear Technology LT3024IFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT3024
1
3024fa
The LT®3024 is a dual, micropower, low noise, low dropout
regulator. With an external 0.01μF bypass capacitor, output
noise drops to 20μVRMS over a 10Hz to 100kHz bandwidth.
Designed for use in battery-powered systems, the low 30μA
quiescent current per output makes it an ideal choice. In
shutdown, quiescent current drops to less than 0.1μA.
Shutdown control is independent for each output, allowing
for flexibility in power management. The device is capable
of operating over an input voltage range of 1.8V to 20V. The
device can supply 100mA of output current from Output
2 with a dropout voltage of 300mV. Output 1 can supply
500mA of output current with a dropout voltage of 300mV.
Quiescent current is well controlled in dropout.
The LT3024 regulator is stable with output capacitors as
low as 1μF for the 100mA output and 3.3μF for the 500mA
output. Small ceramic capacitors can be used without the
series resistance required by other regulators.
Internal protection circuitry includes reverse-battery
protection, current limiting, thermal limiting and reverse
current protection. The device is available as an adjust-
able device with a 1.22V reference voltage. The LT3024
regulator is available in the thermally enhanced 16-lead
TSSOP and 12-lead, low profile (4mm
× 3mm × 0.75mm)
DFN packages.
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Dual 100mA/500mA
Low Dropout, Low Noise,
Micropower Regulator
n Low Noise: 20μVRMS (10Hz to 100kHz)
n Low Quiescent Current: 30μA/Output
n Wide Input Voltage Range: 1.8V to 20V
n Output Current: 100mA/500mA
n Very Low Shutdown Current: <0.1μA
n Low Dropout Voltage: 300mV at 100mA/500mA
n Adjustable Outputs from 1.22V to 20V
n Stable with 1μF/3.3μF Output Capacitor
n Stable with Aluminum, Tantalum or
Ceramic Capacitors
n Reverse Battery Protected
n No Reverse Current
n No Protection Diodes Needed
n Overcurrent and Overtemperature Protected
n Thermally Enhanced 16-Lead TSSOP and 12-Lead
(4mm
× 3mm) DFN Packages
n Cellular Phones
n Pagers
n Battery-Powered Systems
n Frequency Synthesizers
n Wireless Modems
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
10Hz to 100kHz Output Noise
3.3V/2.5V Low Noise Regulators
VIN
3.7V TO
20V
3.3V AT 500mA
20μVRMS NOISE
249k
0.01μF
10μF
1μF
422k
3024 TA01a
OUT2
2.5V AT 100mA
20μVRMS NOISE
ADJ2
BYP2
GND
249k
0.01μF
10μF
261k
IN
SHDN1
SHDN2
OUT1
ADJ1
BYP1
LT3024
VOUT
100μV/DIV
20μVRMS
3024 TA01b


Similar Part No. - LT3024IFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3024 LINER-LT3024 Datasheet
493Kb / 16P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT3024 LINER-LT3024 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
LT3024 LINER-LT3024 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3024 LINER-LT3024 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
More results

Similar Description - LT3024IFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3024 LINER-LT3024 Datasheet
493Kb / 16P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_15 Datasheet
263Kb / 20P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3023 LINER-LT3023 Datasheet
581Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3023 LINER-LT3023_15 Datasheet
279Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3028 LINER-LT3028_15 Datasheet
345Kb / 16P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulators with Independent Inputs
LT3028 LINER-LT3028 Datasheet
335Kb / 16P
   Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulators with Independent Inputs
LT3027 LINER-LT3027_15 Datasheet
338Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator with Independent Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com