Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3024IDE Datasheet(PDF) 9 Page - Linear Technology

Part # LT3024IDE
Description  Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3024IDE Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3024IDE Datasheet HTML 5Page - Linear Technology LT3024IDE Datasheet HTML 6Page - Linear Technology LT3024IDE Datasheet HTML 7Page - Linear Technology LT3024IDE Datasheet HTML 8Page - Linear Technology LT3024IDE Datasheet HTML 9Page - Linear Technology LT3024IDE Datasheet HTML 10Page - Linear Technology LT3024IDE Datasheet HTML 11Page - Linear Technology LT3024IDE Datasheet HTML 12Page - Linear Technology LT3024IDE Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT3024
9
3024fa
TYPICAL PERFORMANCE CHARACTERISTICS
Output 1 Minimum Input Voltage
Channel-to-Channel Isolation
Channel-to-Channel Isolation
Output 2 Load Regulation
TEMPERATURE (°C)
–50
0
50
75
3024 G33
–25
25
100
125
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
IL = 1mA
VOUT = 1.22V
IL = 500mA
FREQUENCY (Hz)
10
40
50
60
70
80
100
1k
1M
10k
100k
3024 G34
30
20
10
0
90
100
CHANNEL 2
GIVEN CHANNEL IS TESTED
WITH 50mVRMS SIGNAL ON
OPPOSING CHANNEL, BOTH
CHANNELS DELIVERING FULL
CURRENT
CHANNEL 1
TEMPERATURE (°C)
–50
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
050
75
3024 G35
–25
25
100
125
ΔIL = 1mA TO 100mA
50μs/DIV
COUT1 = 22μF
COUT2 = 10μF
CBYP1 = CBYP2 = 0.01μF
ΔIL1 = 50mA TO 500mA
ΔIL2 = 10mA TO 100mA
VIN = 6V, VOUT1 = VOUT2 = 5V
VOUT2
20mV/DIV
VOUT1
20mV/DIV
3024 G50
RMS Output Noise
vs Bypass Capacitor
CBYP (pF)
10
80
100
120
140
100
1000
10000
3024 G39
60
40
20
0
CHANNEL 2
CHANNEL 2
VOUT = 5V
VOUT = 1.22V
CHANNEL 1
CHANNEL 1
COUT = 10μF
IL = FULL LOAD
fBW = 10Hz TO 100kHz
Output 1 Load Regulation
Output Noise Spectral Density
Output Noise Spectral Density
TEMPERATURE (°C)
–50
100
3024 G36
050
–25
25
75
125
5
0
–5
–10
ΔIL = 1mA TO 500mA
FREQUENCY (kHz)
0.01
1
10
100
3024 G37
0.1
10
1
0.1
0.01
VOUT SET FOR 5V
VOUT =VADJ
COUT = 10μF
CBYP = 0
IL = FULL LOAD
FREQUENCY (kHz)
0.01
1
10
100
3023 G38
0.1
10
1
0.1
0.01
VOUT SET FOR 5V
VOUT =VADJ
COUT = 10μF
IL = FULL LOAD
CBYP = 1000pF
CBYP = 100pF
CBYP = 0.01μF


Similar Part No. - LT3024IDE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3024 LINER-LT3024 Datasheet
493Kb / 16P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT3024 LINER-LT3024 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
LT3024 LINER-LT3024 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3024 LINER-LT3024 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
More results

Similar Description - LT3024IDE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3024 LINER-LT3024 Datasheet
493Kb / 16P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_15 Datasheet
263Kb / 20P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3023 LINER-LT3023 Datasheet
581Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3023 LINER-LT3023_15 Datasheet
279Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3028 LINER-LT3028_15 Datasheet
345Kb / 16P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulators with Independent Inputs
LT3028 LINER-LT3028 Datasheet
335Kb / 16P
   Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulators with Independent Inputs
LT3027 LINER-LT3027_15 Datasheet
338Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator with Independent Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com