Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KX8530-253SM Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KX8530-253SM
Description  PFM Step-up DC/DC Converter With High Efficiency And Low Noise
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KX8530-253SM Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  KX8530-253SM Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KX8530-253SM Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KX8530-253SM Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KX8530-253SM Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd KX8530-253SM Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd KX8530-253SM Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd KX8530-253SM Datasheet HTML 7Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.kexin.com.cn
3
SMD Type
IC
KX8530
Block Diagram
Absolute Maximum Ratings
Input voltage range-----------------------------------------------------------------------------------0.3V
12V
Input voltage: Vi(LX) ---------------------------------------------------------------------------------0.3V
(Vout +0.3)
CE pin voltage-----------------------------------------------------------------------------------------0.3V
(Vout +0.3)
Lx pin output current ---------------------------------------------------------------------------------0.7A
Maximum power dissipation, Pd T=25
SOT-89----------------------------------------------------------------------------------------------0.5W
SOT-153--------------------------------------------------------------------------------------------0.15W
SOT-23----------------------------------------------------------------------------------------------0.15W
Maximum junction temperature ---------------------------------------------------------------------150
Operating free-air temperature range ---------------------------------------------------------
-20
+80
Storage temperature range ---------------------------------------------------------------------- -40
125
Lead temperature and time -------------------------------------------------------------------------260
,10S
Recommended Operating Conditions
Parameter
Min
Nom
Max
Unit
Input voltage range
0.8
Vout
V
Inductor
10
27
100
ìH
Input capacitor
0
10
ìF
Output capacitor
47
100
220
ìF
Operating junction temperature
-20
85


Similar Part No. - KX8530-253SM

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KX8N60C KEXIN-KX8N60C Datasheet
2Mb / 4P
   N-Channel MOSFET
KX8N60CF KEXIN-KX8N60CF Datasheet
3Mb / 4P
   N-Channel MOSFET
KX8N60F KEXIN-KX8N60F Datasheet
2Mb / 4P
   N-Channel MOSFET
More results

Similar Description - KX8530-253SM

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE701 ACE-ACE701 Datasheet
354Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
ACE701 ACE-ACE701_12 Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701D ACE-ACE701D Datasheet
1Mb / 14P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.3
logo
SHANGHAI BELLING CO., L...
BL8530 BELLING-BL8530 Datasheet
225Kb / 14P
   PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE77LE9 ACE-ACE77LE9 Datasheet
539Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8531 BELLING-BL8531 Datasheet
331Kb / 10P
   High Efficiency Low Noise PFM Step-up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com