Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3013B Datasheet(PDF) 4 Page - Linear Technology

Part # LT3013B
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3013B Datasheet(HTML) 4 Page - Linear Technology

  LT3013B Datasheet HTML 1Page - Linear Technology LT3013B Datasheet HTML 2Page - Linear Technology LT3013B Datasheet HTML 3Page - Linear Technology LT3013B Datasheet HTML 4Page - Linear Technology LT3013B Datasheet HTML 5Page - Linear Technology LT3013B Datasheet HTML 6Page - Linear Technology LT3013B Datasheet HTML 7Page - Linear Technology LT3013B Datasheet HTML 8Page - Linear Technology LT3013B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
3013bfa
LT3013B
OUTPUT CURRENT (mA)
0
300
400
600
500
3013 G01
200
100
0
100
50
200
150
250
TJ = 125°C
TJ = 25°C
OUTPUT CURRENT (mA)
0
200
400
600
100
300
500
100
200
3013 G02
250
50
0
150
= TEST POINTS
TJ ≤ 125°C
TJ ≤ 25°C
TEMPERATURE (
°C)
–50
0
200
600
500
0
50
75
3013 G03
100
400
300
–25
25
100
125
IL = 50mA
IL = 10mA
IL = 250mA
IL = 100mA
IL = 1mA
TEMPERATURE (
°C)
–50
1.255
25
3013 G05
1.240
1.230
–25
0
50
1.225
1.220
1.260
1.250
1.245
1.235
75
100
125
IL = 1mA
INPUT VOLTAGE (V)
0
40
60
80
8
3013 G06
20
10
30
50
70
0
2
1
4
3
67
9
5
10
TJ = 25°C
RL =
TEMPERATURE (
°C)
–50
0
200
600
500
0
50
75
3013 G03
100
400
300
–25
25
100
125
IL = 50mA
IL = 10mA
IL = 250mA
IL = 100mA
IL = 1mA
INPUT VOLTAGE (V)
0
1.2
8
3013 G07
0.8
0.4
1.0
0.6
0.2
0
2
1
4
3
67
9
5
10
TJ = 25°C
*FOR VOUT = 1.24V
RL = 49.6Ω
IL = 25mA*
RL = 124Ω
IL = 10mA*
RL = 1.24k
IL = 1mA*
LOAD CURRENT (mA)
0
6
8
10
3013 G09
4
2
5
7
9
3
1
0
100
50
200
150
250
VIN = 4.5V
TJ = 25°C
INPUT VOLTAGE (V)
0
6
8
10
8
3013 G08
4
2
5
7
9
3
1
0
2
1
4
3
67
9
5
10
TJ = 25°C, *FOR VOUT = 1.24V
RL = 4.96Ω
IL = 250mA*
RL = 12.4Ω
IL = 100mA*
RL = 24.8Ω, IL = 50mA*
TYPICAL PERFOR A CE CHARACTERISTICS
Quiescent Current
ADJ Pin Voltage
Quiescent Current
GND Pin Current
Typical Dropout Voltage
Guaranteed Dropout Voltage
Dropout Voltage
GND Pin Current
GND Pin Current vs ILOAD


Similar Part No. - LT3013B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3013B LINER-LT3013B Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3013B LINER-LT3013B Datasheet
179Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013B LINER-LT3013B_15 Datasheet
179Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
More results

Similar Description - LT3013B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3013B LINER-LT3013B_15 Datasheet
179Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013_09 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013_15 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013 Datasheet
228Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3012 LINER-LT3012 Datasheet
181Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3012B LINER-LT3012B Datasheet
214Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3012B LINER-LT3012B_15 Datasheet
220Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3012 LINER-LT3012_15 Datasheet
188Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3013MPFE LINER-LT3013MPFE Datasheet
212Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower
LT3011 LINER-LT3011_15 Datasheet
236Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com