Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S0365J Datasheet(PDF) 9 Page - Teccor Electronics

Part # S0365J
Description  SCRs 1-70 AMPS NON-SENSITIVE GATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

S0365J Datasheet(HTML) 9 Page - Teccor Electronics

Back Button S0365J Datasheet HTML 4Page - Teccor Electronics S0365J Datasheet HTML 5Page - Teccor Electronics S0365J Datasheet HTML 6Page - Teccor Electronics S0365J Datasheet HTML 7Page - Teccor Electronics S0365J Datasheet HTML 8Page - Teccor Electronics S0365J Datasheet HTML 9Page - Teccor Electronics S0365J Datasheet HTML 10Page - Teccor Electronics S0365J Datasheet HTML 11Page - Teccor Electronics S0365J Datasheet HTML 12Page - Teccor Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image


Similar Part No. - S0365J

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
S03-01-R MACOM-S03-01-R Datasheet
97Kb / 1P
   SPECIFICATION CONTROL DRAWING
S03-02-R MACOM-S03-02-R Datasheet
97Kb / 1P
   SPECIFICATION CONTROL DRAWING
S03-03-R MACOM-S03-03-R Datasheet
97Kb / 1P
   SPECIFICATION CONTROL DRAWING
S03-04-R MACOM-S03-04-R Datasheet
97Kb / 1P
   SPECIFICATION CONTROL DRAWING
S03-05-R MACOM-S03-05-R Datasheet
97Kb / 1P
   SPECIFICATION CONTROL DRAWING
More results

Similar Description - S0365J

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
   Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
   Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX080 JIEJIE-JX080 Datasheet
319Kb / 5P
   Sensitive gate SCRs
logo
STMicroelectronics
XL0840 STMICROELECTRONICS-XL0840 Datasheet
52Kb / 5P
   SENSITIVE GATE 0.8A SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT Datasheet
474Kb / 7P
   Sensitive gate SCRs, 4A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com