Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4470-MFLG3 Datasheet(PDF) 8 Page - TEMIC Semiconductors

Part # TDA4470-MFLG3
Description  Multistandard Video-IF and Quasi Parallel Sound Processing
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TDA4470-MFLG3 Datasheet(HTML) 8 Page - TEMIC Semiconductors

Back Button TDA4470-MFLG3 Datasheet HTML 4Page - TEMIC Semiconductors TDA4470-MFLG3 Datasheet HTML 5Page - TEMIC Semiconductors TDA4470-MFLG3 Datasheet HTML 6Page - TEMIC Semiconductors TDA4470-MFLG3 Datasheet HTML 7Page - TEMIC Semiconductors TDA4470-MFLG3 Datasheet HTML 8Page - TEMIC Semiconductors TDA4470-MFLG3 Datasheet HTML 9Page - TEMIC Semiconductors TDA4470-MFLG3 Datasheet HTML 10Page - TEMIC Semiconductors TDA4470-MFLG3 Datasheet HTML 11Page - TEMIC Semiconductors TDA4470-MFLG3 Datasheet HTML 12Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TDA4470-M
TELEFUNKEN Semiconductors
Rev. A2, 15-Oct-96
Preliminary Information
8 (16)
Unit
Max.
Typ.
Min.
Symbol
Test Conditions / Pins
Parameters
Video frequency response over
the AGC range
∆Β
2.0
dB
Differential gain error
DG
2
5
%
Differential phase error
DP
2
5
deg
Intermodulation
1.07 MHz
See note 6
aIM
52
60
dB
Video signal to noise ratio
Weighted, CCIR-567
S/N
56
60
dB
Residual vision carrier
fundamental wave 38.9 MHz
and second harmonic 77.8 MHz
vres1
2
10
mV
Lower limiting level
Below sync level
∆Vlim1
400
mV
Upper limiting level
Above ultra white level
∆Vlim2
600
mV
Ripple rejection
See note 1, Pin 23/Pin 12
RR
35
dB
Standard switch
Pin 13
Control voltage for mode 1:
neg. modulated video-IF signals
and AM/NICAM sound
See note 7
VSW
2.0
VS
V
Control voltage for mode 2:
pos. modulated video-IF signals
and AM/L-NICAM sound
VSW
0
0.8
V
Switching current
ISW
±100
mA
AFC output
Pin 22
Control slope
∆I/∆f
0.7
mA/kHz
Frequency drift by temperature
Related to the picture
carrier frequency
0.25
0.6
%
Output voltage
upper limit
lower limit
VAFC
VS–0.4
0.4
V
V
Output current
IAFC
±0.2
mA
AFC switch
Pin 19
Control voltage: AFC “off”
AFC curve rising
AFC curve falling
See note 8
VSW
0
1.5
3.5
0.8
2.5
VS
V
V
V
Switching current
ISW
±100
mA
L’ switch
Pin 14
Control voltage:
L’ frequency +
L’-VCO alignment
L standard
See note 9
VSW
0
3.4
3.0
VS
V
V
Switching current
VSW = 0
ISW
700
mA
SIF inputs
Pin 1-2, 27-28
Input sensitivity
(RMS value)
Output signal
at Pin 24/25: –3 dB
vin
80
120
mVRMS
Input impedance
See note 1
Rin
1.2
k
W
Input capacitance
See note 1
Cin
2
pF
SIF-AGC
Pin 5
IF gain control range
Gv
60
65
dB
AGC capacitor
CAGC
10
mF
Intercarrier output-FM
Pin 24
see note 10
DC output voltage
VDC
2
V


Similar Part No. - TDA4470-MFLG3

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4472 TEMIC-TDA4472 Datasheet
170Kb / 14P
   Video-IF and Quasi Parallel Sound Processing
TDA4472-A TEMIC-TDA4472-A Datasheet
174Kb / 14P
   Video-IF (VIF) with FPLL Demodulation and Quasi Parallel Sound (QPS) Processing
TDA4472-M TEMIC-TDA4472-M Datasheet
170Kb / 14P
   Video-IF and Quasi Parallel Sound Processing
TDA4472-MFLG3 TEMIC-TDA4472-MFLG3 Datasheet
170Kb / 14P
   Video-IF and Quasi Parallel Sound Processing
More results

Similar Description - TDA4470-MFLG3

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TDA4474 TEMIC-TDA4474 Datasheet
156Kb / 17P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4472-M TEMIC-TDA4472-M Datasheet
170Kb / 14P
   Video-IF and Quasi Parallel Sound Processing
TDA4472-A TEMIC-TDA4472-A Datasheet
174Kb / 14P
   Video-IF (VIF) with FPLL Demodulation and Quasi Parallel Sound (QPS) Processing
logo
STMicroelectronics
TDA8120B STMICROELECTRONICS-TDA8120B Datasheet
200Kb / 6P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM
logo
NXP Semiconductors
TDA9819 PHILIPS-TDA9819 Datasheet
267Kb / 40P
   Multistandard vision and sound-IF PLL with DVB-IF processing
1998 Jul 14
logo
STMicroelectronics
STV8223A STMICROELECTRONICS-STV8223A Datasheet
119Kb / 10P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
STV8224A STMICROELECTRONICS-STV8224A Datasheet
145Kb / 12P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
STV8223B STMICROELECTRONICS-STV8223B Datasheet
112Kb / 10P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
STV8224B STMICROELECTRONICS-STV8224B Datasheet
134Kb / 12P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com