Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMB5945B Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1SMB5945B
Description  Surface Mount Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SMB5945B Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1SMB5945B Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 1SMB5945B Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Diodes
www.kexin.com.cn
1
Surface Mount Zener Diodes
1SMB59-B Series
Features
Flat Handling Surface for Accurate Placement
Zener Voltage Range -3.3V to 200V
Absolute Maximum Ratings (Ta = 25
)
Parameter
Symbol
Rating
Unit
Power dissipation
@ TL =75
P
3000
mW
Thermal Resistance, Junction to Lead
R JL
25
/W
Power dissipation
@ TA =25
P
550
mW
Thermal Resistance, Junction to Ambient
R JA
226
/W
Jumction temperature
Tj
150
Storage temperature
Tstg
-65to+150
Electrical Characteristics (Ta = 25
)
Min.
Mom.
Max.
@IZT
(mA)
ZZT @IZT
(
)
ZZK
(
)
@IZK
(mA)
IR
(
A)
@VR
(V)
1SMB5913B
3.13
3.3
3.47
113.6
10
500
1.0
100
1.0
454
913B
1SMB5914B
3.42
3.6
3.78
104.2
9.0
500
1.0
75
1.0
416
914B
1SMB5915B
3.70
3.9
4.10
96.1
7.5
500
1.0
25
1.0
384
915B
1SMB5916B
4.08
4.3
4.52
87.2
6.0
500
1.0
5
1.0
348
916B
1SMB5917B
4.46
4.7
4.94
79.8
5.0
500
1.0
5
1.5
319
917B
1SMB5918B
4.84
5.1
5.36
73.5
4.0
350
1.0
5
2.0
294
918B
1SMB5919B
5.32
5.6
5.88
66.9
2.0
250
1.0
5
3.0
267
919B
1SMB5920B
5.89
6.2
6.51
60.5
2.0
200
1.0
5
4.0
241
920B
1SMB5921B
6.46
6.8
7.14
55.1
2.5
200
1.0
5
5.2
220
921B
1SMB5922B
7.12
7.5
7.88
50
3.0
400
0.5
5
6.0
200
922B
Marking
Leakage Current
Type
Zener voltage
VZ (V)
Zener Impedance
IZM
(mA)
(dc)


Similar Part No. - 1SMB5945B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1SMB5945B MOTOROLA-1SMB5945B Datasheet
189Kb / 4P
   1.5Watt Plastic Surface Mount Silicon Zener Diodes
logo
SynSemi, Inc.
1SMB5945B SYNSEMI-1SMB5945B Datasheet
30Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
1SMB5945B EIC-1SMB5945B Datasheet
121Kb / 3P
   SILICON ZENER DIODES
logo
Diotech Company.
1SMB5945B DIOTECH-1SMB5945B Datasheet
735Kb / 2P
   3W SURFACE MOUNT SILICON ZENER DIODE
logo
Shenzhen Taychipst Elec...
1SMB5945B TAYCHIPST-1SMB5945B Datasheet
13Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results

Similar Description - 1SMB5945B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com