Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCL1587-3.3CEB Datasheet(PDF) 6 Page - TelCom Semiconductor, Inc

Part # TCL1587-3.3CEB
Description  7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCL1587-3.3CEB Datasheet(HTML) 6 Page - TelCom Semiconductor, Inc

Back Button TCL1587-3.3CEB Datasheet HTML 2Page - TelCom Semiconductor, Inc TCL1587-3.3CEB Datasheet HTML 3Page - TelCom Semiconductor, Inc TCL1587-3.3CEB Datasheet HTML 4Page - TelCom Semiconductor, Inc TCL1587-3.3CEB Datasheet HTML 5Page - TelCom Semiconductor, Inc TCL1587-3.3CEB Datasheet HTML 6Page - TelCom Semiconductor, Inc TCL1587-3.3CEB Datasheet HTML 7Page - TelCom Semiconductor, Inc TCL1587-3.3CEB Datasheet HTML 8Page - TelCom Semiconductor, Inc TCL1587-3.3CEB Datasheet HTML 9Page - TelCom Semiconductor, Inc TCL1587-3.3CEB Datasheet HTML 10Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TCL1584
TCL1585
TCL1587
7A / 5A / 4.6A / 3A, FAST RESPONSE,
LOW DROPOUT POSITIVE LINEAR
VOLTAGE REGULATORS
PRELIMINARY INFORMATION
6
TCL1584/1585/1587-04 6/6/97
Figure 3. Overload Recovery
IOUT
Current Limit Curve
Load Line
Start Up
Point
Unrecoverable
I-V Point
VIN – VOUT (Constant VIN)
parameters will allow it. Typically, increasing the output
capacitance helps reduce the oscillation. NOTE: The
TCL1585 and TCL1584 have fixed current limit over the
entire voltage range and are not susceptible to this phenom-
enon.
Protection Diodes
The TCL158x family of devices do not normally require
any external current limiting circuitry such as protection
diodes, frequently used with older LDO regulators. A diode
is internally present between the output and input which is
capable of handling short-duration surge currents of up to
100A. This capability typically ensures safe operation ex-
cept for the case where output capacitance is exceedingly
large (>1000
µF) and the input is suddenly shorted to ground.
This situation can produce excessive reverse current in the
device - enough to cause damage. An external high current
diode should be used as shown in Figure 2.
The ADJ pin does not normally need protection diodes
either. It can handle
±7V without any performance degrada-
tion or device damage. Current at this pin is internally limited
by a series resistor so the bypass capacitors do not present
any danger. Of course, exceeding 7V differential between
any two pins will cause catastrophic junction breakdowns
and possible damage to the device.
Overload Recovery
The built-in Short Circuit and Safe-Operating-Area (SOA)
protection function of the TCL158x family can cause sec-
ondary effects which must be considered for robust system
design. The behavior of the regulator under heavy loads
(short circuit) at start-up is such that the output voltage will
remain low while sourcing maximum current until the load is
removed or reduced. Normally, the output voltage will rise as
the load is reduced and trace a line I-V relationship accord-
ing to the SOA limit. If the load line intersects this output
curve at two points the output voltage may not recover from
the heavy load/short-circuit condition. This condition is illus-
trated in Figure 3. The current limit constraint does not allow
any load point above it and the load line is defined absolutely
by the I-V characteristics of the load (a resistor, in this case).
Under these conditions it may be necessary to cycle the
power supply off and then on again. This phenomenon is
common for LDO’s with fold-back current limiting schemes.
NOTE: Overload recovery is
always guaranteed on the
TCL1585 and TCL1587 because of the constant current
limit characteristic.
Ripple Rejection
A typical ripple rejection curve for the fixed output
voltage devices is shown in Figure 3. It is possible to obtain
improved performance in ripple rejection by using the ad-
justable output TCL158x with a bypass capacitor (CADJ)
shown in Figure 2. This capacitor should be chosen to have
a value such that its impedance at the ripple frequency is
less than R1 (see Figure 2.). Usually this is on the order of
100
Ω. Example: If R1 = 100Ω and fRIPPLE = 120Hz, the
bypass capacitor should be chosen to be 22
µF or greater. If
these conditions are met the ripple rejection will be improved
by a factor of VOUT/1.25 when compared to the performance
of the fixed output devices.
Figure 2. Protection Diodes and CADJ
+
+
VOUT
C1
10
µF
C2
22
µF
OUT
IN
TCL1584-3.3
D1
1N4002
(OPTIONAL)
GND
VIN
+
+
+
VOUT
R1
R2
C1
10
µF
C2
22
µF
C
ADJ
OUT
IN
TCL1584
D1
1N4002
(OPTIONAL)
ADJ
VIN


Similar Part No. - TCL1587-3.3CEB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCL150 ETC1-TCL150 Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-A ETC1-TCL150DA1-A Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-ACF1 ETC1-TCL150DA1-ACF1 Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-ACF2 ETC1-TCL150DA1-ACF2 Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-ACP1 ETC1-TCL150DA1-ACP1 Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
More results

Similar Description - TCL1587-3.3CEB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1584 LINER-LT1584_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584 Datasheet
276Kb / 12P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584CT-33 LINER-LT1584CT-33 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
T1587 LINER-T1587_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584_1 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585 LINER-LT1585_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
National Semiconductor ...
LMS1585A NSC-LMS1585A Datasheet
103Kb / 8P
   5A and 3A Low Dropout Fast Response Regulators
logo
Texas Instruments
LMS1585A TI1-LMS1585A_17 Datasheet
1Mb / 15P
[Old version datasheet]   5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
LP3883 TI-LP3883_15 Datasheet
1Mb / 19P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com