Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRF7494 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KRF7494
Description  HEXFET Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KRF7494 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KRF7494 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KRF7494 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
IC
HEXFET Power MOSFET
KRF7494
Features
High frequency DC-DC converters
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Continuous Drain Current, VGS @ 10V,Ta = 25
ID
5.2
Continuous Drain Current, VGS @ 10V,TA =100
ID
3.7
Pulsed Drain Current*1
IDM
42
Power Dissipation Ta = 25
*1
PD
3
W
Linear Derating Factor
0.02
W/
Gate-to-Source Voltage
VGS
20
V
Drain-Source Voltage
VDS
150
V
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 to + 150
Junction-to-Ambient
R
JA
50
/W
Junction-to-Drain Lead
R JL
20
/W
Single Pulse Avalanche Energy*3
EAS
370
mJ
Avalanche Current *2
IAR
3.1
A
*1 Pulse width
400
s; duty cycle
2%.
*2 Repetitive rating; pulse width limited by max. junction temperature.
*3 Starting TJ =25
,L = 77mH,RG =25
,IAS =3.1A.
A


Similar Part No. - KRF7494

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KRF7401 KEXIN-KRF7401 Datasheet
69Kb / 2P
   HEXFET Power MOSFET
KRF7410 KEXIN-KRF7410 Datasheet
67Kb / 2P
   HEXFET Power MOSFET
KRF7460 KEXIN-KRF7460 Datasheet
76Kb / 2P
   HEXFET Power MOSFET
More results

Similar Description - KRF7494

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com