Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C3V6T Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BZT52C3V6T
Description  Surface Mount Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BZT52C3V6T Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BZT52C3V6T Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BZT52C3V6T Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
www.kexin.com.cn
2
BZT52C2V0T - BZT52C39T
Electrical Characteristics (Ta = 25
)
Nom.
Min.
Max.
IZT
(mA)
ZZT @IZT
(
)
ZZK @IZK
(
)
IZK
(mA)
IR
(
A)
@VR
(V)
Min.
Max.
BZT52C2V0T
2.0
1.91
2.09
5
100
600
1.0
150
1.0
-3.5
0
WY
BZT52C2V4T
2.4
2.2
2.6
5
100
600
1.0
50
1.0
-3.5
0
WX
BZT52C2V7T
2.7
2.5
2.9
5
100
600
1.0
20
1.0
-3.5
0
W1
BZT52C3V0T
3.0
2.8
3.2
5
95
600
1.0
10
1.0
-3.5
0
W2
BZT52C3V3T
3.3
3.1
3.5
5
95
600
1.0
5.0
1.0
-3.5
0
W3
BZT52C3V6T
3.6
3.4
3.8
5
90
600
1.0
5.0
1.0
-3.5
0
W4
BZT52C3V9T
3.9
3.7
4.1
5
90
600
1.0
3.0
1.0
-3.5
0
W5
BZT52C4V3T
4.3
4.0
4.6
5
90
600
1.0
3.0
1.0
-3.5
0
W6
BZT52C4V7T
4.7
4.4
5.0
5
80
500
1.0
3.0
2.0
-3.5
0.2
W7
BZT52C5V1T
5.1
4.8
5.4
5
60
480
1.0
2.0
2.0
-2.7
1.2
W8
BZT52C5V6T
5.6
5.2
6.0
5
40
400
1.0
1.0
2.0
-2
2.5
W9
BZT52C6V2T
6.2
5.8
6.6
5
10
150
1.0
3.0
4.0
0.4
3.7
WA
BZT52C6V8T
6.8
6.4
7.2
5
15
80
1.0
2.0
4.0
1.2
4.5
WB
BZT52C7V5T
7.5
7.0
7.9
5
15
80
1.0
1.0
5.0
2.5
5.3
WC
BZT52C8V2T
8.2
7.7
8.7
5
15
80
1.0
0.7
5.0
3.2
6.2
WD
BZT52C9V1T
9.1
8.5
9.6
5
15
100
1.0
0.5
6.0
3.8
7.0
WE
BZT52C10T
10
9.4
10.6
5
20
150
1.0
0.2
7.0
4.5
8.0
WF
BZT52C11T
11
10.4
11.6
5
20
150
1.0
0.1
8.0
5.4
9.0
WG
BZT52C12T
12
11.4
12.7
5
25
150
1.0
0.1
8.0
6.0
10.0
WH
BZT52C13T
13
12.4
14.1
5
30
170
1.0
0.1
8.0
7.0
11.0
WI
BZT52C15T
15
13.8
15.6
5
30
200
1.0
0.1
10.5
9.2
13.0
WJ
BZT52C16T
16
15.3
17.1
5
40
200
1.0
0.1
11.2
10.4
14.0
WK
BZT52C18T
18
16.8
19.1
5
45
225
1.0
0.1
12.6
12.4
16.0
WL
BZT52C20T
20
18.8
21.2
5
55
225
1.0
0.1
14.0
14.4
18.0
WM
BZT52C22T
22
20.8
23.3
5
55
250
1.0
0.1
15.4
16.4
20.0
WN
BZT52C24T
24
22.8
25.6
5
70
250
1.0
0.1
16.8
18.4
22.0
WO
BZT52C27T
27
25.1
28.9
2
80
300
0.5
0.1
18.9
21.4
25.3
WP
BZT52C30T
30
28.0
32.0
2
80
300
0.5
0.1
21.0
24.4
29.4
WQ
BZT52C33T
33
31.0
35.0
2
80
325
0.5
0.1
23.1
27.4
33.4
WR
BZT52C36T
36
34.0
38.0
2
90
350
0.5
0.1
25.2
30.4
37.4
WS
BZT52C39T
39
37.0
41.0
2
130
350
0.5
0.1
27.3
33.4
41.2
WT
Typical
Temperature
Coefficient
@IZTC =5mA
(mV/
)
Marking
Maximum
Reverse
Current
Type
Zener voltage
VZ (V)
Maximum Zener Impedance


Similar Part No. - BZT52C3V6T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C3V6T DIODES-BZT52C3V6T Datasheet
94Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30502 Rev. 7 - 2
BZT52C3V6T DIODES-BZT52C3V6T Datasheet
108Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30502 Rev. 10 - 2
logo
Micro Commercial Compon...
BZT52C3V6T MCC-BZT52C3V6T Datasheet
225Kb / 3P
   200 mW Zener Diode 2.4 to 39 Volts
logo
Diodes Incorporated
BZT52C3V6T DIODES-BZT52C3V6T Datasheet
192Kb / 5P
   SURFACE MOUNT ZENER DIODE
BZT52C3V6T-7 DIODES-BZT52C3V6T-7 Datasheet
94Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30502 Rev. 7 - 2
More results

Similar Description - BZT52C3V6T

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com