Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KI1903DL Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KI1903DL
Description  Dual P-Channel 2.5-V (G-S) MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KI1903DL Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KI1903DL Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KI1903DL Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Gate threshold voltage
VGS(th)
VDS =VGS,ID = -250
A
-0.6
V
Gate-body leakage
IGSS
VDS =0V, VGS =
12 V
100
nA
VDS =-16 V, VGS =0V
-1
VDS =-16 V, VGS =0V, TJ =85
-5
On-state drain current
ID(on)
VDS =-5 V, VGS =-4.5V
-1.0
A
VGS =-4.5V, ID = -0.41 A
0.850 0.995
VGS =-3.6V, ID = -0.38 A
1.0
1.190
VGS = -2.5V, ID =-0.25A
1.4
1.80
Forward transconductance
gfs
VDS =-10 V, ID = -0.41 A
0.8
S
Diode forward voltage
VSD
IS = -0.23 A, VGS = 0 V
-0.8
-1.2
V
Total gate charge *
Qg
1.2
1.8
Gate-source charge *
Qgs
0.45
Gate-drain charge *
Qgd
0.25
td(on)
7.5
15
tr
20
40
td(off)
8.5
17
tf
12
24
Source-Drain Reverse Recovery Time
trr
IF = -0.23 A, di/dt = 100 A/
s
25
40
* Pulse test: PW
300 ìs duty cycle
2%.
Turn-off time
Turn-on time
ns
VDS =-10V ,VGS =-4.5V , ID= -0.41A
VDD = -10V , RL =20
,
ID =-0.5A , VGEN =-4.5V , RG =6
nC
Zero gate voltage drain current
IDSS
A
Drain-source on-state resistance
rDS(on)
KI1903DL
Marking
Marking
QA


Similar Part No. - KI1903DL

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KI1902DL KEXIN-KI1902DL Datasheet
51Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
KI1905DL KEXIN-KI1905DL Datasheet
52Kb / 2P
   Dual P-Channel 1.8-V (G-S) MOSFET
More results

Similar Description - KI1903DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9933BDY VISHAY-SI9933BDY_V01 Datasheet
102Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
18-Jul-08
SI6963BDQ VISHAY-SI6963BDQ Datasheet
69Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 15-Mar-04
SI5903DC VISHAY-SI5903DC_08 Datasheet
134Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 05-Aug-02
SI1903DL VISHAY-SI1903DL_08 Datasheet
93Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
S-50694-Rev. C, 18-Apr-05
SI6943BDQ VISHAY-SI6943BDQ_06 Datasheet
211Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Feb-06
SI1903DL VISHAY-SI1903DL_V01 Datasheet
110Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI6963BDQ VISHAY-SI6963BDQ_V01 Datasheet
107Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI5903DC-T1-E3 VISHAY-SI5903DC-T1-E3 Datasheet
229Kb / 9P
   Dual P-Channel 2.5 V (G-S) MOSFET
Rev. C, 08-Mar-10
SI6963BDQ VISHAY-SI6963BDQ_06 Datasheet
210Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Feb-06
SI6943BDQ VISHAY-SI6943BDQ Datasheet
58Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 07-Oct-02
SI4963BDY VISHAY-SI4963BDY_07 Datasheet
71Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 16-Feb-04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com