Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCL1117-3.30CEB Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TCL1117-3.30CEB
Description  800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V, 3.30V, 5.00V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCL1117-3.30CEB Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TCL1117-3.30CEB Datasheet HTML 1Page - TelCom Semiconductor, Inc TCL1117-3.30CEB Datasheet HTML 2Page - TelCom Semiconductor, Inc TCL1117-3.30CEB Datasheet HTML 3Page - TelCom Semiconductor, Inc TCL1117-3.30CEB Datasheet HTML 4Page - TelCom Semiconductor, Inc TCL1117-3.30CEB Datasheet HTML 5Page - TelCom Semiconductor, Inc TCL1117-3.30CEB Datasheet HTML 6Page - TelCom Semiconductor, Inc TCL1117-3.30CEB Datasheet HTML 7Page - TelCom Semiconductor, Inc TCL1117-3.30CEB Datasheet HTML 8Page - TelCom Semiconductor, Inc TCL1117-3.30CEB Datasheet HTML 9Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
PRELIMINARY INFORMATION
TCL1117-05 6/5/97
TCL1117
TCL1117-2.85
TCL1117-3.30
TCL1117-5.00
800mA LOW DROPOUT POSITIVE REGULATORS
ADJUSTABLE AND FIXED 2.85V, 3.30V, 5.00V
ABSOLUTE MAXIMUM RATINGS*
Input Voltage
Operating Voltage:
TCL1117, TCL1117-3.30, TCL1117-5.00 ...... 15V
TCL1117-2.85 ................................................ 10V
Surge Voltage:
TCL1117, TCL1117-3.30, TCL1117-5.00 ...... 20V
Operating Junction Temperature ............... 0
°C to +125°C
ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Reference
TCL1117
IOUT = 10mA, (VIN – VOUT) = 2V, TJ = 25°C
1.238 1.250 1.262
V
Voltage
10
≤ IOUT ≤ 800mA, 1.4V ≤ (VIN – VOUT) ≤ 10V (Note 1) 1.225 1.250 1.270
Output Voltage
TCL1117-2.85
IOUT = 10mA, VIN = 4.85V, TJ = 25°C
2.820 2.850 2.880
V
0
≤ IOUT ≤ 800mA, 4.25V ≤ VIN ≤ 10V (Note 1)
2.790 2.850 2.910
0
≤ IOUT ≤ 500mA, VIN = 3.95V (Note 1)
2.790 2.850 2.910
TCL1117-3.30
IOUT = 10mA, VIN = 5.3V, TJ = 25°C
3.265 3.300 3.335
V
0
≤ IOUT ≤ 800mA, 4.75V ≤ VIN ≤ 10V (Note 1)
3.230 3.300 3.370
TCL1117-5.00
IOUT = 10mA, VIN = 7V, TJ = 25°C
4.950 5.000 5.050
V
0
≤ IOUT ≤ 800mA, 6.50V ≤ VIN ≤ 12V (Note 1)
4.900 5.000 5.100
Line Regulation
TCL1117
IOUT = 10mA, 1.5V ≤ VIN – VOUT ≤ 15V (Notes 1 & 2)
0.035
0.2
%
TCL1117-2.85
IOUT = 0mA, 4.25V ≤ VIN ≤ 10V (Notes 1 & 2)
1
6
mV
TCL1117-3.30
IOUT = 0mA, 4.75V ≤ VIN ≤ 15V (Notes 1 & 2)
1
7
TCL1117-5.00
IOUT = 0mA, 6.5V ≤ VIN ≤ 15V (Notes 1 & 2)
1
10
Load Regulation
TCL1117
(VIN – VOUT) = 3V, 10mA, ≤ IOUT ≤ 800mA (Notes 1 & 2)
0.1
0.4
%
TCL1117-2.85
VIN = 4.25V, 0 ≤ IOUT ≤ 800mA (Notes 1 & 2)
1
10
mV
TCL1117-3.30
VIN = 4.75V, 0 ≤ IOUT ≤ 800mA (Notes 1 & 2)
1
12
TCL1117-5.00
VIN = 6.5V, 0 ≤ IOUT ≤ 800mA (Notes 1 & 2)
1
15
Dropout Voltage
IOUT = 100mA, (Note 1 & 3)
1.00
1.10
V
IOUT = 500mA, (Note 1 & 3)
1.05
1.15
IOUT = 800mA, (Note 1 & 3)
1.10
1.20
Current Limit
(VIN – VOUT) = 5V, TJ = 25°C
800
950
1200
mA
Minimum Load
TCL1117
(VIN – VOUT) = 15V (Note 1 & 4)
1.7
5
mA
Current
Quiescent
TCL1117-2.85
VIN ≤ 10V (Note 1)
5
10
mA
Current
TCL1117-3.30
VIN ≤ 15V (Note 1)
5
10
TCL1117-5.00
VIN ≤ 15V (Note 1)
5
10
Thermal Regulation
TA = 25°C, 30msec Pulse
0.01
0.1
%W
Ripple Rejection
fRIPPLE = 120Hz (VIN – VOUT) = 3V, VRIPPLE = 1Vp-p ( Note 1)
60
75
dB
Adjust Pin Current
(Note 1)
55
120
µA
Adjust Pin Current Change
10mA
≤ IOUT ≤ 800mA, 1.4V ≤ (VIN – VOUT) ≤ 10V (Note 1)
0.2
5
µA
Temperature Stability
0.5
%
Long Term Stability
TA = 125°C, 1000 Hrs.
0.3
%
RMS Output Noise
(% of VOUT), 10Hz ≤ f ≤ 10kHz
0.003
%
Thermal Resistance
(Junction to Case, at Tab)
15
°C/W
NOTES: 1. Specifications apply over the full operating temperature range.
2. See thermal regulation specification for changes in output voltage due to heating effects. Load regulation and line regulation are
measured at a constant junction temperature by low duty cycle pulse testing.
3. Dropout voltage is specified over the full output current range of the device. Dropout voltage is defined as the minimum input/output
differential measured at the specified output current. Test points and limits are also shown on the Dropout Voltage curve.
4. Minimum load current is defined as the minimum output current required to maintain regulation.
Storage Temperature ............................ – 65
°C to +150°C
Lead Temperature (Soldering 10 sec) .................... 300
°C
*Stresses beyond those listed under "Absolute Maximum Ratings" may
cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.


Similar Part No. - TCL1117-3.30CEB

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCL1-11 MINI-TCL1-11 Datasheet
279Kb / 1P
   RF Transformer
TCL1-11++ MINI-TCL1-11+ Datasheet
279Kb / 1P
   RF Transformer
TCL1-19 MINI-TCL1-19 Datasheet
279Kb / 1P
   RF Transformer
TCL1-19++ MINI-TCL1-19+ Datasheet
279Kb / 1P
   RF Transformer
TCL1-19G2 MINI-TCL1-19G2 Datasheet
205Kb / 1P
   RF Transformer
More results

Similar Description - TCL1117-3.30CEB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1117 LINER-LT1117_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_02 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_1 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-3.3 LINER-LT1117-3.3_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1118 LINER-LT1118_06 Datasheet
97Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118 LINER-LT1118 Datasheet
109Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1086 LINER-LT1086_15 Datasheet
226Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com