Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPW14N Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # BPW14N
Description  Silicon NPN Phototransistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

BPW14N Datasheet(HTML) 3 Page - TEMIC Semiconductors

  BPW14N Datasheet HTML 1Page - TEMIC Semiconductors BPW14N Datasheet HTML 2Page - TEMIC Semiconductors BPW14N Datasheet HTML 3Page - TEMIC Semiconductors BPW14N Datasheet HTML 4Page - TEMIC Semiconductors BPW14N Datasheet HTML 5Page - TEMIC Semiconductors BPW14N Datasheet HTML 6Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BPW14N
TELEFUNKEN Semiconductors
Rev. A2, 15-Jul-96
3 (6)
Typical Characteristics (Tamb = 25
_C unless otherwise specified)
0
25
50
75
100
0
200
400
800
150
94 8329
600
125
Tamb – Ambient Temperature ( °C )
RthJC
RthJA
Figure 1. Total Power Dissipation vs. Ambient Temperature
94 8330
20
Tamb – Ambient Temperature ( °C )
100
101
102
103
104
106
105
150
50
100
VCE=20V
Figure 2. Collector Dark Current vs. Ambient Temperature
94 8331
0
50
100
150
Tamb – Ambient Temperature ( °C )
0
0.5
1.0
1.5
2.0
3.5
2.5
3.0
VCE=5V
Ee=1mW/cm2
l=950nm
Figure 3. Relative Collector Current vs. Ambient Temperature
0.01
0.1
1
0.01
0.1
1
10
Ee – Irradiance ( mW / cm2 )
10
94 8339
VCE=5V
l=950nm
BPW 14 NB
BPW 14 NC
Figure 4. Collector Light Current vs. Irradiance
0.1
1
10
0.1
1
10
VCE – Collector Emitter Voltage ( V )
100
94 8340
Ee=1 mW/cm2
0.5 mW/cm2
0.2 mW/cm2
0.1 mW/cm2
l=950nm
BPW 14 NB
Figure 5. Collector Light Current vs. Collector Emitter Voltage
0.1
1
10
0
4
8
12
16
20
VCE – Collector Emitter Voltage ( V )
100
94 8335
f=1MHz
Figure 6. Collector Emitter Capacitance vs.
Collector Emitter Voltage


Similar Part No. - BPW14N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BPW14 ETC-BPW14 Datasheet
230Kb / 8P
   Silizium-NPN-Epitaxial-Planar-Fototransistoren
V.2.381
logo
Actel Corporation
BPW144-1028-12AA95L ACTEL-BPW144-1028-12AA95L Datasheet
1Mb / 8P
   SE-FGG144-H, E-Tec lead free prototype socket drawing for FGG144 and FGG144 packages
More results

Similar Description - BPW14N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
   Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
   Silicon NPN Phototransistor
Rev. 1, 24-May-02
logo
Panasonic Semiconductor
PNZ1270 PANASONIC-PNZ1270 Datasheet
45Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
S350P VISHAY-S350P Datasheet
75Kb / 5P
   Silicon NPN Phototransistor
Rev. 2, 20-May-99
TEMT1000 VISHAY-TEMT1000 Datasheet
79Kb / 5P
   Silicon NPN Phototransistor
Rev. 4, 17-Feb-00
logo
Panasonic Semiconductor
PNZ121S PANASONIC-PNZ121S Datasheet
44Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
BPW85 VISHAY-BPW85_14 Datasheet
105Kb / 6P
   Silicon NPN Phototransistor
Rev. 2.1, 04-Aug-14
T1070P VISHAY-T1070P_14 Datasheet
90Kb / 4P
   Silicon NPN Phototransistor
Rev. 1.7, 29-Sep-14
T1090P6 VISHAY-T1090P6 Datasheet
135Kb / 5P
   Silicon NPN Phototransistor
Rev. 1.0, 26-Sep-14
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
   Silicon NPN Phototransistor,
Rev. 1.7, 08-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com