Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCN4040 Datasheet(PDF) 7 Page - TelCom Semiconductor, Inc

Part # TCN4040
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCN4040 Datasheet(HTML) 7 Page - TelCom Semiconductor, Inc

  TCN4040 Datasheet HTML 1Page - TelCom Semiconductor, Inc TCN4040 Datasheet HTML 2Page - TelCom Semiconductor, Inc TCN4040 Datasheet HTML 3Page - TelCom Semiconductor, Inc TCN4040 Datasheet HTML 4Page - TelCom Semiconductor, Inc TCN4040 Datasheet HTML 5Page - TelCom Semiconductor, Inc TCN4040 Datasheet HTML 6Page - TelCom Semiconductor, Inc TCN4040 Datasheet HTML 7Page - TelCom Semiconductor, Inc TCN4040 Datasheet HTML 8Page - TelCom Semiconductor, Inc TCN4040 Datasheet HTML 9Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TCN4041
3
PRELIMINARY INFORMATION
TCN4041-01 6/19/97
PRECISION MICROPOWER
SHUNT VOLTAGE REFERENCE
ELECTRICAL CHARACTERISTICS (Cont.): Boldface type specifications apply for TA = TJ = TMIN to TMAX. All other
specifications; TA = TJ = 25°C. The grades C, D, and E designate initial
Reverse Breakdown Voltage tolerances of
±0.5%, ±1.0%, and ±2.0%,
respectively.
TCN4041CEOA
TCN4041DEOA
TCN4041EENB
TCN4041CENB
TCN4041DENB
TCN4041EEZB
TCN4041CEZB
TCN4041DEZB
Symbol Parameter
Test
Min
Typ
Max
Min
Typ
Max
Min Typ Max
Unit
Conditions
eN
Wideband Noise
IR =100µA,
20—
—20—
—20
µVmsec
10Hz
≤ f ≤ 10kHz
Notes 4, 5
∆VR
Reverse Breakdown
t =1000hrs
120
120
120
ppm/
°C
Voltage Long Term
T = 25
°C ±0.1°C
Stability
IR =100µA
Notes 4, 5
NOTES: 4. Typicals are at TJ = 25°C and represent most likely parametric norm.
5. Limits are 100% production tested at 25
°C.
6. The boldface (over-temperature) limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse Breakdown
Voltage Tolerance
±[(∆VR/∆T)(65°C)(VR)]. ∆VR/∆T is the VR temperature coefficient, 65°C is the temperature range from – 40°C to the
reference point of 25
°C, and VR is the reverse breakdown voltage. The total over-temperature tolerance for the different grades is shown
below:
C-grade:
±1.15% = ±0.5% ±100ppm/°C x 65°C
D-grade:
±1.98% = ±1.0% ±150ppm/°C x 65°C
E-grade:
±2.98% = ±2.0% ±150ppm/°C x 65°C
7. When VOUT
≤ 1.6V, the TCN4041-ADJ in the SOT-23B package must operate at reduced IR. This is caused by the series resistance of the
die attach between the die (-) output and the package (-) output pin. See the Output Saturation (SOT23-B only) curve in the
Typical
Characteristics section.
8. Reference voltage and temperature coefficient will change with output voltage. See
Typical Characteristics curves.
NOTE: *SOT-23B-3 is equivalent to the JEDEC (TO-236)
PIN CONFIGURATION
2
3
1
NC
NC
+
+
TCN4041ENB-1.2V
2
3
1
NC
+
TCN4041ENB-ADJ
TCN4041EZB-1.2V
123
1
2
3
4
8
7
6
5
TCN4041EOA-1.2V
TCN4041EOA-ADJ
NC
NC
NC
NC
NC
NC
+
SOT-23B-3*
(TOP VIEW)
TO-92-3
8-Pin SOIC
1
2
3
4
8
7
6
5
NC
NC
NC
NC
NC
NC
+
TCN4041-ADJ
123


Similar Part No. - TCN4040

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCN4-13 MINI-TCN4-13 Datasheet
234Kb / 1P
   Ceramic RF Transformer
TCN4-13++ MINI-TCN4-13+ Datasheet
234Kb / 1P
   Ceramic RF Transformer
TCN4-162 MINI-TCN4-162 Datasheet
343Kb / 1P
   RF Transformer
TCN4-162++ MINI-TCN4-162+ Datasheet
343Kb / 1P
   RF Transformer
TCN4-22 MINI-TCN4-22 Datasheet
226Kb / 1P
   Ceramic Balun RF Transformer
More results

Similar Description - TCN4040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com