Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC9491B Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC9491B
Description  LOW POWER, BANDGAP VOLTAGE REFERENCES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC9491B Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC9491B Datasheet HTML 1Page - TelCom Semiconductor, Inc TC9491B Datasheet HTML 2Page - TelCom Semiconductor, Inc TC9491B Datasheet HTML 3Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3-15
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
LOW POWER, BANDGAP VOLTAGE REFERENCES
FEATURES
s
Temperature Coefficient ......................... 50ppm/
°C
s
Wide Operating Current Range ....... 15
µA to 20mA
s
Dynamic Impedance ......................................... 0.6
s
Output Tolerance ...................................... 1% or 2%
s
Output Voltage Option .................................. 1.220V
s
TO-92 Plastic Package
s
8-Pin Plastic Small Outline (SO) Package
APPLICATIONS
s
ADC and DAC Reference
s
Current Source Generation
s
Threshold Detectors
s
Power Supplies
s
Multi-meters
GENERAL DESCRIPTION
The TC9491 (1.220V output) bipolar, two-terminal,
bandgap voltage references offer precision performance
without premium price. These devices do not require thin-
film resistors, greatly lowering manufacturing complexity
and cost.
A 50ppm/
°C output temperature coefficient and a 15µA
to 20mA operating current range make these devices at-
tractive for multimeter, data acquisition converter, and tele-
communication voltage references.
Part No.
Package
Temperature
Tempco.
Range
TC9491ACOA
8-Pin SOIC
0
°C to +70°C
50 ppm
°C
TC9491BCOA
8-Pin SOIC
0
°C to +70°C 100 ppm°C
TC9491ACZM
TO-92
0
°C to +70°C
50 ppm
°C
TC9491BCZM
TO-92
0
°C to +70°C 100 ppm°C
ORDERING INFORMATION
NC = NO INTERNAL CONNECTION
1
2
3
4
8
7
6
5
CATHODE
NC
NC
NC
NC
NC
NC
ANODE
1
TO-92 PLASTIC
(BOTTOM VIEW)
SURFACE MOUNT
PLASTIC PACKAGE
3
TC9491ACZB
TC94191BCZB
TC9491ACOA
TC94191BOA
PIN CONFIGURATIONS
TC9491A/B-3 8/23/96
TC9491A
TC9491B


Similar Part No. - TC9491B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9490F TOSHIBA-TC9490F Datasheet
177Kb / 15P
   Digital Servo Single-Chip Processor for Use in CD Player
TC9490FA TOSHIBA-TC9490FA Datasheet
177Kb / 15P
   Digital Servo Single-Chip Processor for Use in CD Player
TC9495F TOSHIBA-TC9495F Datasheet
235Kb / 17P
   Digital Servo Single Chip Processor Built in 1 Bit DA Converter
TC9496AF TOSHIBA-TC9496AF Datasheet
465Kb / 48P
   1 Chip Audio Digital Signal Processor
More results

Similar Description - TC9491B

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC04A TELCOM-TC04A Datasheet
46Kb / 4P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_10 Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
ISL60002_0712 INTERSIL-ISL60002_0712 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002 RENESAS-ISL60002 Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
logo
Analog Microelectronics
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
   Shunt Bandgap Voltage Reference
AME385-2.5 AME-AME385-2.5_1 Datasheet
171Kb / 14P
   Shunt Bandgap Voltage Reference
AME4041 AME-AME4041 Datasheet
91Kb / 9P
   Shunt Bandgap Voltage Reference
AME40 AME-AME40_1 Datasheet
181Kb / 14P
   Shunt Bandgap Voltage Reference
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com