Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC9401 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC9401
Description  VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC9401 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC9401 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC9401 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC9401 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC9401 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC9401 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC9401 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC9401 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC9401 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC9401 Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
3-288
TELCOM SEMICONDUCTOR, INC.
ELECTRICAL CHARACTERISTICS: VDD = +5V, VSS = – 5V, VGND = 0V, VREF = – 5V, RBIAS = 100kΩ,
Full Scale = 10kHz, unless otherwise specified. TA = +25°C, unless temperature range is specified (– 40°C to +85°C
for E device, 0
°C to +70°C for C device).
VOLTAGE-TO-FREQUENCY
TC9401
TC9400
TC9402
Parameter
Definition
Min Typ Max Min Typ Max Min Typ Max
Unit
Accuracy
Linearity 10 kHz
Output Deviation From Straight
0.004 0.01
0.01
0.05
— 0.05
0.25
% Full
Line Between Normalized Zero
Scale
and Full-Scale Input
Linearity 100 kHz
Output Deviation From Straight
0.04
0.08
0.1
0.25
— 0.25
0.5
% Full
Line Between Normalized Zero
Scale
Reading and Full-Scale Input
Gain Temperature
Variation in Gain A Due to
± 25 ± 40 — ± 25 ± 40
± 50 ± 100 ppm/°C
Drift (Note 1)
Temperature Change
Full Scale
Gain Variance
Variation From Ideal Accuracy
± 10
± 10 —
± 10
% of
Nominal
Zero Offset (Note 2)
Correction at Zero Adjust for Zero
± 10 ± 50 — ± 10 ± 50
± 20 ± 100
mV
Output When Input is Zero
Zero Temperature
Variation in Zero Offset Due to
± 25 ± 50 — ± 25 ± 50 — ± 50 ± 100
µV/°C
Drift (Note 1)
Temperature Change
Analog Input
IIN Full Scale
Full-Scale Analog Input Current to
10
10
10
µA
Achieve Specified Accuracy
IIN Overrange
Overrange Current
50
50
50
µA
Response Time
Settling Time to 0.1% Full Scale
2
2
2
Cycle
Digital Section
VSAT @ IOL = 10mA
Logic "0" Output Voltage (Note 3)
0.2
0.4
0.2
0.4
0.2
0.4
V
VOUT Max – VOUT
Voltage Range Between Output
18
18
18
V
Common (Note 4)
and Common
Pulse Frequency
3
3
3
µsec
Output Width
ABSOLUTE MAXIMUM RATINGS*
VDD – VSS ................................................................. +18V
IIN ...........................................................................10mA
VOUT Max –VOUT Common .......................................... 23V
VREF – VSS ..............................................................– 1.5V
Storage Temperature Range ................ – 65
°C to +150°C
Operating Temperature Range
C Device ................................................ 0
°C to +70°C
E Device ........................................... – 40
°C to +85°C
Package Dissipation (TA ≤ 70°C)
8-Pin CerDIP .................................................. 800mW
8-Pin Plastic DIP ............................................. 730mW
8-Pin SOIC ..................................................... 470mW
Lead Temperature (Soldering, 10 sec) ................. +300
°C
*Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operational sections of the specifications is not implied.
Exposure to Absolute Maximum Rating Conditions for extended periods
may affect device reliability.
VOLTAGE-TO-FREQUENCY/
FREQUENCY-TO-VOLTAGE CONVERTERS
TC9400
TC9401
TC9402


Similar Part No. - TC9401

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC9401 MICROCHIP-TC9401 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
TC9401 MICROCHIP-TC9401 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
TC9401CPD MICROCHIP-TC9401CPD Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
TC9401EJD MICROCHIP-TC9401EJD Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
More results

Similar Description - TC9401

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
   Voltage-to-Frequency Converters
logo
National Semiconductor ...
LM131A NSC-LM131A Datasheet
280Kb / 16P
   Precision Voltage-to-Frequency Converters
LM231A NSC-LM231A Datasheet
368Kb / 15P
   Precision Voltage-to-Frequency Converters
logo
Texas Instruments
LM231 TI1-LM231_15 Datasheet
952Kb / 23P
[Old version datasheet]   Precision Voltage-to-Frequency Converters
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
   Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Analog Devices
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. A
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com