Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2015L Datasheet(PDF) 1 Page - Teccor Electronics

Part # S2015L
Description  SCRs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

S2015L Datasheet(HTML) 1 Page - Teccor Electronics

  S2015L Datasheet HTML 1Page - Teccor Electronics S2015L Datasheet HTML 2Page - Teccor Electronics S2015L Datasheet HTML 3Page - Teccor Electronics S2015L Datasheet HTML 4Page - Teccor Electronics S2015L Datasheet HTML 5Page - Teccor Electronics S2015L Datasheet HTML 6Page - Teccor Electronics S2015L Datasheet HTML 7Page - Teccor Electronics S2015L Datasheet HTML 8Page - Teccor Electronics S2015L Datasheet HTML 9Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2002 Teccor Electronics
E6 - 1
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Selected
Package
s*
U.L.
RECOGNIZED
File
#E71639
AK
G
(1 A to 70 A)
E6
General Description
The Teccor line of thyristor SCR semi-conductors are half-wave,
unidirectional, gate-controlled rectifiers which complement Tec-
cor's line of sensitive SCRs. Teccor offers devices with ratings of
1 A to 70 A and 200 V to 1000 V, with gate sensitivities from
10 mA to 50 mA. If gate currents in the 12 µA to 500 µA ranges
are required, see “Sensitive SCRs” section of this catalog.
Three packages are offered in electrically isolated construction
where the case or tab is internally isolated to allow the use of
low-cost assembly and convenient packaging techniques.
The Teccor line of SCRs features glass-passivated junctions to
ensure long-term reliability and parameter stability. Teccor’s
glass offers a rugged, reliable barrier against junction contamina-
tion.
Variations of devices covered in this data sheet are available for
custom design applications. Consult the factory for more informa-
tion.
Features
Electrically-isolated package
High voltage capability — 200 V to 1000 V
High surge capability — up to 950 A
Glass-passivated chip
Compak SCR
Surface mount package — 1 A series
New small profile three-leaded Compak package
Packaged in embossed carrier tape with 2,500
devices per reel
Can replace SOT-223
TO-92
*TO-218
TO-202
*TO-218X
3-lead
Compak
TO-252
D-Pak
TO-251
V-Pak
*TO-220
TO-263
D2Pak


Similar Part No. - S2015L

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S2015L TECCOR-S2015L Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
logo
Littelfuse
S2015L LITTELFUSE-S2015L Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S2015L LITTELFUSE-S2015L Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
More results

Similar Description - S2015L

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
   SCRS
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
   SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
   SCRS
logo
HAOPIN MICROELECTRONICS...
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
   SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
   SCRs
C106D HAOPIN-C106D Datasheet
236Kb / 4P
   SCRs
logo
Central Semiconductor C...
2N4167 CENTRAL-2N4167 Datasheet
57Kb / 1P
   SCRs
logo
Unisonic Technologies
US108S UTC-US108S_11 Datasheet
131Kb / 3P
   SCRS
logo
New Jersey Semi-Conduct...
2N4149 NJSEMI-2N4149 Datasheet
68Kb / 2P
   SCRs
logo
HAOPIN MICROELECTRONICS...
PCR406 HAOPIN-PCR406 Datasheet
110Kb / 4P
   SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com