Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC850CPL Datasheet(PDF) 10 Page - TelCom Semiconductor, Inc

Part # TC850CPL
Description  15-BIT, FAST-INTEGRATING CMOS ANALOG-TO-DIGITAL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC850CPL Datasheet(HTML) 10 Page - TelCom Semiconductor, Inc

Back Button TC850CPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 11Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 12Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 13Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 14Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
3-86
TELCOM SEMICONDUCTOR, INC.
15-BIT, FAST-INTEGRATING CMOS
ANALOG-TO-DIGITAL CONVERTER
TC850
RINT =
.
Pin Description (Digital)
Chip Select and Chip Enable (CS and CE)
The CS and CE inputs permit easy interfacing to a
variety of digital bus systems. CE is active LOW while CS is
active HIGH. These inputs are logically ANDed internally
and are used to enable the RD and WR inputs.
Write Enable Input (WR)
The write input is used to initiate a conversion when the
TC850 is in demand mode. CS and CE must be active for the
WR input to be recognized. The status of the data bus is
meaningless during the WR pulse, because no data is
actually written into the TC850.
Read Enable Input (RD)
The read input, combined with CS and CE, enables the
3-state data bus outputs. Also, in continuous mode, the
rising edge of the RD input activates an internal byte counter
to sequentially read the three data bytes.
Low/High Byte Select (L/H)
The L/H input determines whether the low (least signifi-
cant) byte or high (most significant) byte of data is placed on
the 3-state data bus. This input is meaningful only when the
TC850 is in the demand mode. In the continuous mode, data
must be read in three predetermined bytes, so the L/H input
is ignored.
Overrange/Polarity Bit Select (OVR/POL)
The TC850 provides 15 bits of resolution, plus polarity
and overrange bits. Thus, 17 bits of information must be
transferred on an 8-bit data bus. To accomplish this, the
overrange and polarity bits are multiplexed onto data bit DB7
of the most significant byte. When OVR/POL is HIGH, DB7
of the high byte contains the overrange status (HIGH =
analog input overrange, LOW = input within full scale). When
OVR/POL is LOW, DB7 is HIGH for positive analog input
polarity and LOW for negative polarity. The OVR/POL input
is meaningful only when CS, CE, and RD are active, and L/
H is LOW (i.e., the most significant byte is selected). OVR/
POL is ignored when the TC850 is in continuous mode.
Continuous/Demand Mode Input (CONT/DEMAND)
This input controls the TC850 operating mode. When
CONT/DEMAND is HIGH, the TC850 performs conversions
continuously. In continuous mode, data must be read in the
prescribed sequence shown in Table I. Also, all three data
bytes must be read within 443-1/2 internal clock cycles after
the BUSY output goes low. After 443-1/2 clock cycles data
will be lost.
When CONT/DEMAND is LOW, the TC850 begins a
conversion each time CS and CE are active and WR is
pulsed LOW. The conversion is complete and data can be
read after the falling edge of the BUSY output. In demand
mode, data can be read in any sequence, and remains valid
until WR is again pulsed LOW.
Busy Output (BUSY)
The BUSY output is used to convey an end-of-conver-
sion to external logic. BUSY goes HIGH at the beginning of
the deintegrate phase and goes LOW at the end of the
conversion cycle. Data is valid on the falling edge of BUSY.
The output-high period is fixed at 836 clock periods, regard-
less of the analog input value. BUSY is active during
continuous and demand mode operation.
This output can also be used to generate an end-of-
conversion interrupt in
µP-based systems. Noninterrupt-
driven systems can poll BUSY to determine when data is
valid.
ANALOG SECTION APPLICATIONS
Component Selection
Reference Voltage
The typical value for reference voltage VREF1 is 1.6384V.
This value yields a full-scale voltage of 3.2768V and resolu-
tion of 100
µV per step. The VREF2 value is derived by dividing
VREF1 by 64. Thus, typical VREF2 value is 1.6384V/64, or
25.6mV. The VREF2 value should be adjusted within ±1% to
maintain 15-bit accuracy for the total conversion process;
i.e.,
VREF2 =
±1%.
The reference voltage is not limited to exactly 1.6384V,
however, because the TC850 performs a ratiometric con-
version. Therefore, the conversion result will be:
Digital counts =
• 16384.
VIN
VREF1
For a full-scale voltage of 3.2768V, values of RINT
between 120k
Ω and 150kΩ are acceptable.
VFULL SCALE
25
µA
The full-scale voltage can range from 3.2V to 3.5V. Full-
scale voltages of less than 3.2V will result in increased noise
in the least significant bits, while a full-scale above 3.5V will
exceed the input common-mode range.
Integration Resistor
The TC850 buffer supplies 25
µA of integrator charging
current with minimal linearity error. RINT is easily calculated:
VREF1
64


Similar Part No. - TC850CPL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC850CPL MICROCHIP-TC850CPL Datasheet
539Kb / 26P
   15-Bit, Fast Integrating CMOS A/D Converter
2006
More results

Similar Description - TC850CPL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC850 MICROCHIP-TC850_13 Datasheet
350Kb / 30P
   15-Bit, Fast Integrating CMOS A/D Converter
11/29/12
TC850 MICROCHIP-TC850 Datasheet
539Kb / 26P
   15-Bit, Fast Integrating CMOS A/D Converter
2006
logo
Exar Corporation
MP7533 EXAR-MP7533 Datasheet
83Kb / 8P
   15 V CMOS Multiplying10-Bit Digital-to-Analog Converter
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
   15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7614 EXAR-MP7614 Datasheet
91Kb / 8P
   15 V CMOS Multiplying 14-Bit Digital-to-Analog Converter
MP7523 EXAR-MP7523 Datasheet
102Kb / 12P
   15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
MP7616 EXAR-MP7616 Datasheet
91Kb / 8P
   15 V CMOS 16-Bit Multiplying Digital-to-Analog Converter
logo
Intronics Power, Inc.
DAS1152 INTRONICS-DAS1152 Datasheet
868Kb / 4P
   14-Bit & 15-Bit Sampling Analog To Digital Converter
logo
List of Unclassifed Man...
MP7633 ETC-MP7633 Datasheet
1Mb / 5P
   CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP8780 EXAR-MP8780 Datasheet
1,008Kb / 11P
   CMOS 8 BIT VIDEO ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com