Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3012BEDE Datasheet(PDF) 10 Page - Linear Technology

Part # LT3012BEDE
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3012BEDE Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3012BEDE Datasheet HTML 6Page - Linear Technology LT3012BEDE Datasheet HTML 7Page - Linear Technology LT3012BEDE Datasheet HTML 8Page - Linear Technology LT3012BEDE Datasheet HTML 9Page - Linear Technology LT3012BEDE Datasheet HTML 10Page - Linear Technology LT3012BEDE Datasheet HTML 11Page - Linear Technology LT3012BEDE Datasheet HTML 12Page - Linear Technology LT3012BEDE Datasheet HTML 13Page - Linear Technology LT3012BEDE Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT3012B
3012bf
The LT3012B has internal thermal limiting designed to
protect the device during overload conditions. For con-
tinuous normal conditions the maximum junction tem-
perature rating of 125
°C must not be exceeded. It is
important to give careful consideration to all sources of
thermal resistance from junction to ambient. Additional
heat sources mounted nearby must also be considered.
For surface mount devices, heat sinking is accomplished
by using the heat spreading capabilities of the PC board
and its copper traces. Copper board stiffeners and plated
through-holes can also be used to spread the heat gener-
ated by power devices.
The following tables list thermal resistance for several
different board sizes and copper areas. All measurements
were taken in still air on 3/32" FR-4 board with one ounce
copper.
Table 1. DFN Measured Thermal Resistance
COPPER AREA
THERMAL RESISTANCE
TOPSIDE
BACKSIDE
BOARD AREA
(JUNCTION-TO-AMBIENT)
2500 sq mm
2500 sq mm
2500 sq mm
40
°C/W
1000 sq mm
2500 sq mm
2500 sq mm
45
°C/W
225 sq mm
2500 sq mm
2500 sq mm
50
°C/W
100 sq mm
2500 sq mm
2500 sq mm
62
°C/W
Table 2. TSSOP Measured Thermal Resistance
COPPER AREA
THERMAL RESISTANCE
TOPSIDE
BACKSIDE
BOARD AREA
(JUNCTION-TO-AMBIENT)
2500 sq mm
2500 sq mm
2500 sq mm
40
°C/W
1000 sq mm
2500 sq mm
2500 sq mm
45
°C/W
225 sq mm
2500 sq mm
2500 sq mm
50
°C/W
100 sq mm
2500 sq mm
2500 sq mm
62
°C/W
The thermal resistance junction-to-case (
θJC), measured
at the exposed pad on the back of the die, is 16
°C/W.
Continuous operation at large input/output voltage differ-
entials and maximum load current is not practical due to
thermal limitations. Transient operation at high input/
output differentials is possible. The approximate thermal
time constant for a 2500sq mm 3/32" FR-4 board with
maximum topside and backside area for one ounce copper
is 3 seconds. This time constant will increase as more
thermal mass is added (i.e. vias, larger board, and other
components).
For an application with transient high power peaks, aver-
age power dissipation can be used for junction tempera-
ture calculations as long as the pulse period is significantly
less than the thermal time constant of the device and
board.
Calculating Junction Temperature
Example 1: Given an output voltage of 5V, an input voltage
range of 24V to 30V, an output current range of 0mA to
50mA, and a maximum ambient temperature of 50
°C,
what will the maximum junction temperature be?
The power dissipated by the device will be equal to:
IOUT(MAX) • (VIN(MAX) – VOUT) + (IGND • VIN(MAX))
where:
IOUT(MAX) = 50mA
VIN(MAX) = 30V
IGND at (IOUT = 50mA, VIN = 30V) = 1mA
So:
P = 50mA • (30V – 5V) + (1mA • 30V) = 1.28W
The thermal resistance will be in the range of 40
°C/W to
62
°C/W depending on the copper area. So the junction
temperature rise above ambient will be approximately
equal to:
1.31W • 50
°C/W = 65.5°C
APPLICATIO S I FOR ATIO


Similar Part No. - LT3012BEDE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3012B LINER-LT3012B Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3012B LINER-LT3012B Datasheet
220Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3012B LINER-LT3012B_15 Datasheet
220Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
More results

Similar Description - LT3012BEDE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3012 LINER-LT3012 Datasheet
181Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3012B LINER-LT3012B_15 Datasheet
220Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3012 LINER-LT3012_15 Datasheet
188Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3013 LINER-LT3013 Datasheet
228Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013B LINER-LT3013B Datasheet
224Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013B LINER-LT3013B_15 Datasheet
179Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013_09 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013_15 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013MPFE LINER-LT3013MPFE Datasheet
212Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower
LT3010 LINER-LT3010 Datasheet
244Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com