Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3011 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3011
Description  50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3011 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3011 Datasheet HTML 7Page - Linear Technology LT3011 Datasheet HTML 8Page - Linear Technology LT3011 Datasheet HTML 9Page - Linear Technology LT3011 Datasheet HTML 10Page - Linear Technology LT3011 Datasheet HTML 11Page - Linear Technology LT3011 Datasheet HTML 12Page - Linear Technology LT3011 Datasheet HTML 13Page - Linear Technology LT3011 Datasheet HTML 14Page - Linear Technology LT3011 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT3011
11
3011f
During normal operation, an internal glitch filter will ignore
short transients (<15μs). Longer transients below the 90%
threshold will reset the JK flip-flop. This flip-flop ensures
that the capacitor on the CT pin is quickly discharged all
the way to the VCT(LOW) threshold before restarting the
time delay. This provides a consistent time delay after the
ADJ pin is within 10% of the regulated voltage before the
PWRGD pin switches to high impedance.
Thermal Considerations
The power handling capability of the device will be limited by
the maximum rated junction temperature (125°C, LT3011E/
LT3011I or 150°C, LT3011H). The power dissipated by the
device will be made up of two components:
1. Output current multiplied by the input/output voltage
differential: IOUT • (VIN – VOUT) and,
2. GND pin current multiplied by the input voltage:
IGND • VIN
The GND pin current is found by examining the GND pin
current curves in the Typical Performance Characteristics
section. Power dissipation will be equal to the sum of the
two components listed above.
The LT3011 series regulators have internal thermal limiting
designed to protect the device during overload conditions.
For continuous normal conditions, the maximum junction
temperature rating of 125°C (LT3011E/ LT3011I) or 150°C
(LT3011H) must not be exceeded. It is important to give
careful consideration to all sources of thermal resistance
from junction to ambient. Additional heat sources mounted
nearby must also be considered.
Q
J
K
VREF • 90%
ADJ
VCT(LOW)
0.1V
VCT(HIGH)
– VBE
( 1.1V)
ICT 3μA
CT
3011 F04
+
PWRGD
For surface mount devices, heat sinking is accomplished
by using the heat spreading capabilities of the PC board
and its copper traces. Copper board stiffeners and plated
through-holes can also be used to spread the heat gener-
ated by power devices.
The following table lists thermal resistance for several
different board sizes and copper areas. All measurements
were taken in still air on 3/32" FR-4 board with one ounce
copper.
Table 1. MSOP Measured Thermal Resistance
COPPER AREA
BOARD AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE
BACKSIDE
2500 sq mm 2500 sq mm
2500 sq mm
52°C/W
1000 sq mm 2500 sq mm
2500 sq mm
54°C/W
225 sq mm
2500 sq mm
2500 sq mm
58°C/W
100 sq mm
2500 sq mm
2500 sq mm
64°C/W
Table 2. DFN Measured Thermal Resistance
COPPER AREA
BOARD AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE
BACKSIDE
2500 sq mm 2500 sq mm
2500 sq mm
52°C/W
1000 sq mm 2500 sq mm
2500 sq mm
54°C/W
225 sq mm
2500 sq mm
2500 sq mm
58°C/W
100 sq mm
2500 sq mm
2500 sq mm
64°C/W
The thermal resistance junction-to-case (
θJC), measured
at the Exposed Pad on the back of the die, is 16°C/W.
Continuous operation at large input/output voltage dif-
ferentials and maximum load current is not practical due
to thermal limitations. Transient operation at high input/
output differentials is possible. The approximate thermal
time-constant for a 2500sq mm 3/32" FR-4 board, with
maximum topside and backside area for one ounce cop-
per, is three seconds. This time-constant will increase as
more thermal mass is added (i.e., vias, larger board and
other components).
For an application with transient high power peaks, average
power dissipation can be used for junction temperature
calculations as long as the pulse period is significantly less
than the thermal time constant of the device and board.
Figure 4. PWRGD Circuit Block Diagram
APPLICATIONS INFORMATION


Similar Part No. - LT3011

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3011 LINER-LT3011 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3011 LINER-LT3011_15 Datasheet
236Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
More results

Similar Description - LT3011

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3011 LINER-LT3011_15 Datasheet
236Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3010 LINER-LT3010_15 Datasheet
410Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010-5 LINER-LT3010-5_15 Datasheet
410Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010 Datasheet
244Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010_1 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3013 LINER-LT3013_15 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013B LINER-LT3013B_15 Datasheet
179Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013_09 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013 Datasheet
228Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013B LINER-LT3013B Datasheet
224Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com