Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SS394 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1SS394
Description  HIGH SPEED SWITCHING APPLICATION
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SS394 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1SS394 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
HIGH SPEED SWITCHING APPLICATION
1SS394
Features
Small package
Low forward voltage :VF =0.23V(Typ).
Absolute M axim um Ratings Ta = 25
Param eter
Sym bol
Rating
Unit
Maxim um (Peak) Reverse Voltage
VRM
15
V
Reverse Voltage
VR
10
V
Maxim um (Peak) Forward Current
IFM
200
m A
Average Rectified Current
IO
100
m A
Surge Current (10 m s)
IFSM
1A
Power Dissipation
P
150
m W
Junction Tem perature
Tj
125
Storage Tem perature Range
Tstg
-55to+125
Poerating Tem perature
Topr
-40to+100
Electrical Characteristics Ta = 25
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
IF = 1 mA
0.18
IF = 5 mA
0.23
0.35
IF = 100 mA
0.35
0.5
Reverse current
IR
VR =40V
20
A
Total capacitance
CT
VR =0,f=1.0 MHz
20
40
pF
Continuous reverse voltage
VF
V
Marking
Marking
S9


Similar Part No. - 1SS394

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS394 TOSHIBA-1SS394 Datasheet
119Kb / 2P
   DIODE (HIGH SPEED SWITCHING APLICATION)
1SS394 TOSHIBA-1SS394 Datasheet
180Kb / 3P
   High Speed Switching Application
1SS394 TOSHIBA-1SS394_07 Datasheet
180Kb / 3P
   High Speed Switching Application
1SS394 TOSHIBA-1SS394_14 Datasheet
191Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
More results

Similar Description - 1SS394

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS392 TOSHIBA-1SS392_07 Datasheet
200Kb / 3P
   High Speed Switching Application
1SS388TPH3F TOSHIBA-1SS388TPH3F Datasheet
228Kb / 3P
   High Speed Switching Application
HN2S03FU TOSHIBA-HN2S03FU Datasheet
186Kb / 3P
   High Speed Switching Application
1SS417 TOSHIBA-1SS417_04 Datasheet
139Kb / 3P
   High Speed Switching Application
logo
Guangdong Kexin Industr...
1SS367 KEXIN-1SS367 Datasheet
32Kb / 1P
   HIGH SPEED SWITCHING APPLICATION
logo
DONGGUAN YOU FENG WEI E...
1SS389 YFWDIODE-1SS389 Datasheet
317Kb / 2P
   HIGH SPEED SWITCHING APPLICATION
logo
SHIKUES Electronics
1SS388 SKTECHNOLGY-1SS388 Datasheet
562Kb / 2P
   High Speed Switching Application
logo
Shanghai Leiditech Elec...
BAS21S LEIDITECH-BAS21S Datasheet
486Kb / 3P
   High speed switching application
logo
Fairchild Semiconductor
KSC2333 FAIRCHILD-KSC2333 Datasheet
56Kb / 5P
   High Speed Switching Application
logo
Guangdong Kexin Industr...
1SS395 KEXIN-1SS395 Datasheet
43Kb / 1P
   HIGH SPEED SWITCHING APPLICATION
logo
Toshiba Semiconductor
1SS416 TOSHIBA-1SS416 Datasheet
133Kb / 3P
   High Speed Switching Application
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com