Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7662A Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC7662A
Description  CHARGE PUMP DC-TO-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7662A Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC7662A Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7662A Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7662A Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7662A Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7662A Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
4-81
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
CHARGE PUMP
DC-TO-DC CONVERTER
TC7662A
TYPICAL CHARACTERISTICS
700
600
500
400
300
200
100
–60 –40 –20
0
20
40
60
80
100 120 140
TEMPERATURE (
°C)
V = 15V
V = 5V
+
+
0
Supply Current vs. Temperature
1k
100
1
10
100
1000
10,000
CAPACITANCE (pF)
10
Oscillator Frequency vs. CEXT
10k
TA = +25°C
20
18
16
14
12
10
8
–60 –40 –20
0
20
40
60
80
100 120 140
TEMPERATURE (
°C)
6
Frequency vs. Temperature
160
140
120
100
80
60
40
–60 –40 –20
0
20
40
60
80
100 120 140
TEMPERATURE (
°C)
V = 15V, I = 20 mA
Output Resistance vs. Temperature
20
L
V = 5V, I = 3 mA
L
+
+
100
LOAD CURRENT (mA)
Power Conversion Efficiency vs. I
16
32
48
64
80
80
60
40
20
90
70
50
30
10
824
40
56
72
0
LOAD
150
120
90
60
30
135
105
75
45
15
0
EFFICIENCY
SUPPLY
CURRENT
110
TA = +25°C
165
100
INPUT VOLTAGE (V)
Output Resistance vs. Input Voltage
4
8
12
16
20
80
60
40
20
90
70
50
30
10
2
6
10
14
18
0
110
20 mA
TA = +25°C


Similar Part No. - TC7662A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A Datasheet
53Kb / 7P
   CHARGE PUMP DC-TO-DC CONVERTER
2001
TC7662ACPA MICROCHIP-TC7662ACPA Datasheet
53Kb / 7P
   CHARGE PUMP DC-TO-DC CONVERTER
2001
TC7662ACPA MICROCHIP-TC7662ACPA Datasheet
457Kb / 14P
   Charge Pump DC-to-DC Converter
2002
TC7662ACPA MICROCHIP-TC7662ACPA Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
TC7662AEPA MICROCHIP-TC7662AEPA Datasheet
53Kb / 7P
   CHARGE PUMP DC-TO-DC CONVERTER
2001
More results

Similar Description - TC7662A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
TC7662A MICROCHIP-TC7662A Datasheet
53Kb / 7P
   CHARGE PUMP DC-TO-DC CONVERTER
2001
TC7662A MICROCHIP-TC7662A_02 Datasheet
457Kb / 14P
   Charge Pump DC-to-DC Converter
2002
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
   Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
   Charge Pump DC-TO-DC Voltage Converter
2001
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660 MICROCHIP-TC7660_16 Datasheet
1Mb / 20P
   Charge Pump DC-to-DC Voltage Converter
11/29/11
TC7660 MICROCHIP-TC7660_02 Datasheet
386Kb / 18P
   Charge Pump DC-to-DC Voltage Converter
2002
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com