Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7652 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC7652
Description  LOW NOISE, CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7652 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC7652 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7652 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7652 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7652 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7652 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7652 Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3-282
TELCOM SEMICONDUCTOR, INC.
TC7652
LOW NOISE, CHOPPER-STABILIZED
OPERATIONAL AMPLIFIER
ABSOLUTE MAXIMUM RATINGS*
Total Supply Voltage (VDD to VSS) ........................... +18V
Input Voltage ........................ (VDD + 0.3V) to (VSS – 0.3V)
Voltage on Oscillator Control Pins ................... VDD to VSS
Duration of Output Short Circuit ......................... Indefinite
Current Into Any Pin ................................................. 10mA
While Operating (Note 1) ..................................100
µA
Package Power Dissipation (TA ≤ 70°C)
8-Pin Plastic DIP ............................................. 730mW
14-Pin Plastic DIP ........................................... 800mW
Storage Temperature Range ................ – 65
°C to +150°C
Operating Temperature Range
C Device ................................................ 0
°C to +70°C
I Device ............................................. – 25
°C to +85°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
ELECTRICAL CHARACTERISTICS: VDD = +5V, VSS = – 5V, TA = +25°C, unless otherwise indicated.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VOS
Input Offset Voltage
TA = +25°C—
±2
±5
µV
0
°C < TA < +70°C—
±10
TCVOS
Average Temperature Coefficient of
0
°C < TA < +70°C
0.01
0.05
µV/°C
Input Offset Voltage
VOS/DT
Offset Voltage vs Time
150
nV/mo
IBIAS
Input Bias Current
TA = +25°C
30
100
pA
(CLK On)
0
°C < TA < +70°C
100
– 25
°C < TA < +85°C
250
1000
IBIAS
Input Bias Current
TA = +25°C
15
30
pA
(CLK Off)
0
°C < TA < +70°C—
35
– 25
°C < TA < +85°C
100
IOS
Input Offset Current
25
150
pA
RIN
Input Resistance
1012
—W
OL
Large Signal Voltage Gain
RL = 10kW, VOUT = ±4V
120
150
dB
VOUT
Output Voltage Swing
RL = 10kW
±4.7
±4.85
V
(Note 2)
RL = 100kW
±4.95
CMVR
Common-Mode
– 4.3
+3.5
V
Voltage Range
MRR
Common-Mode
CMVR = – 4.3V to +3.5V
120
140
dB
Rejection Ratio
PSRR
Power Supply
±3V to ±8V
120
140
dB
Rejection Ratio
eN
Input Noise Voltage
RS = 100W, DC to 1Hz
0.2
1.5
µVP-P
DC to 10Hz
0.7
5
µVP-P
IN
Input Noise Current
f = 10Hz
0.01
pA/
√Hz
GBW
Unity-Gain Bandwidth
0.4
MHz
SR
Slew Rate
CL = 50 pF, RL = 10kW
1
V/
µsec
Overshoot
15
%
VDD, VSS
Operating Supply Range
5
16
V
IS
Supply Current
No Load
1
3
mA
fCH
Internal Chopping Frequency
Pins 12 – 14 Open (DIP)
100
275
Hz
Clamp ON Current (Note 3)
RL = 100kW
25
100
µA
Clamp OFF Current (Note 3)
– 4V
≤ VOUT < +10V
1
pA
NOTES: 1. Limiting input current to 100
µA is recommended to avoid latch-up problems. Typically, 1mA is safe; however, this is not guaranteed.
2. Output clamp not connected. See typical characteristics curves for output swing versus clamp current characteristics.
*Static-sensitive device. Unused devices must be stored in conductive material. Protect devices from static discharge and static fields. Stresses above
those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only and functional operation of
the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to Absolute
Maximum Rating Conditions for extended periods may affect device reliability.


Similar Part No. - TC7652

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7652 MICROCHIP-TC7652 Datasheet
456Kb / 16P
   Low Noise, Chopper Stabilized Operational Amplifier
2002
TC7652CPA MICROCHIP-TC7652CPA Datasheet
456Kb / 16P
   Low Noise, Chopper Stabilized Operational Amplifier
2002
TC7652CPA MICROCHIP-TC7652CPA Datasheet
226Kb / 18P
   Low Noise, Chopper Stabilized Operational Amplifier
11/29/12
TC7652CPD MICROCHIP-TC7652CPD Datasheet
456Kb / 16P
   Low Noise, Chopper Stabilized Operational Amplifier
2002
TC7652CPD MICROCHIP-TC7652CPD Datasheet
226Kb / 18P
   Low Noise, Chopper Stabilized Operational Amplifier
11/29/12
More results

Similar Description - TC7652

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7652 MICROCHIP-TC7652 Datasheet
456Kb / 16P
   Low Noise, Chopper Stabilized Operational Amplifier
2002
TC7652 MICROCHIP-TC7652_13 Datasheet
226Kb / 18P
   Low Noise, Chopper Stabilized Operational Amplifier
11/29/12
TC7650 MICROCHIP-TC7650_13 Datasheet
209Kb / 14P
   Chopper Stabilized Operational Amplifier
11/29/12
logo
TelCom Semiconductor, I...
TC7650 TELCOM-TC7650 Datasheet
90Kb / 7P
   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC1052CS LINER-LTC1052CS_15 Datasheet
165Kb / 2P
   CHOPPER STABILIZED OPERATIONAL AMPLIFIER
logo
Texas Instruments
LTC1052 TI1-LTC1052 Datasheet
51Kb / 4P
[Old version datasheet]   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Microchip Technology
TC7650 MICROCHIP-TC7650 Datasheet
457Kb / 14P
   Chopper Stabilized Operational Amplifier
2002
logo
Linear Technology
LTC1052 LINER-LTC1052 Datasheet
1Mb / 20P
   Chopper-Stabilized Operational Amplifier(CSOATM)
logo
Maxim Integrated Produc...
MAX430 MAXIM-MAX430 Datasheet
389Kb / 8P
   짹15V Chopper-Stabilized Operational Amplifier
Rev 2; 8/98
logo
Texas Instruments
TLC2654 TI-TLC2654 Datasheet
427Kb / 30P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com