Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7652 Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC7652
Description  LOW NOISE, CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7652 Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC7652 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7652 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7652 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7652 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7652 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7652 Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3-281
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC7652
LOW NOISE, CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
FUNCTIONAL BLOCK DIAGRAM
1
2
3
4
8
7
6
5
C
A
OUTPUT
TC7652CPA
–INPUT
+INPUT
VSS
VSS
VDD
VDD
C
B
CLAMP
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
NC = NO INTERNAL CONNECTION
(MAY BE USED AS INPUT GUARD)
INT/EXT
EXT CLK
IN
INT CLK
OUT
OUTPUT
OUTPUT
CLAMP
RET
C
–INPUT
+INPUT
NC
TC7652CPD
C
B
C
A
TC7652
NULL
NULL
OUTPUT
B
B
A
C
EXT
C
EXT
CRET (NOTE 1)
NULL
AMPLIFIER
MAIN
AMPLIFIER
OUTPUT CLAMP
CIRCUIT
INTERMOD
COMPARATOR
OSCILLATOR
B
A
INT/EXT
EXT CLK IN
CLK OUT
14-PIN DIP ONLY
BA
INPUTS
OUTPUT CLAMP
(NOT ON "Z" PINOUT)
NOTE: 1. For 8-pin DIP connect to VSS, or to CRET on "Z" pinout.
VSS
TC7652-7 9/11/96
FEATURES
s
Low Offset Over Temperature Range ............ 10
µV
s
Ultra-Low Long-Term Drift ................. 150nV/Month
s
Low Temperature Drift ............................. 100nV/
°C
s
Low DC Input Bias Current ............................. 15pA
s
High Gain, CMRR and PSRR ................. 110dB Min
s
Low Input Noise Voltage ......... 0.2
µVP-P; DC to 1Hz
s
Internally-Compensated for Unity-Gain Operation
s
Clamp Circuit for Fast Overload Recovery
GENERAL DESCRIPTION
The TC7652 is a lower noise version of the TC7650,
sacrificing some input specifications (bias current and band-
width) to achieve a 10x reduction in noise. All the other
benefits of the chopper technique are present, i.e. freedom
from offset adjust, drift, and reliability problems from exter-
nal trim components. Like the TC7650, the TC7652 re-
quires only two noncritical external caps for storing the
chopped null potentials. There are no significant chopping
spikes, internal effects or overrange lockup problems.
PIN CONFIGURATIONS
ORDERING INFORMATION
Temperature
Part No.
Package
Range
TC7652CPA
8-Pin Plastic DIP
0
°C to +70°C
TC7652CPD
14-Pin Plastic DIP
0
°C to +70°C


Similar Part No. - TC7652

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7652 MICROCHIP-TC7652 Datasheet
456Kb / 16P
   Low Noise, Chopper Stabilized Operational Amplifier
2002
TC7652CPA MICROCHIP-TC7652CPA Datasheet
456Kb / 16P
   Low Noise, Chopper Stabilized Operational Amplifier
2002
TC7652CPA MICROCHIP-TC7652CPA Datasheet
226Kb / 18P
   Low Noise, Chopper Stabilized Operational Amplifier
11/29/12
TC7652CPD MICROCHIP-TC7652CPD Datasheet
456Kb / 16P
   Low Noise, Chopper Stabilized Operational Amplifier
2002
TC7652CPD MICROCHIP-TC7652CPD Datasheet
226Kb / 18P
   Low Noise, Chopper Stabilized Operational Amplifier
11/29/12
More results

Similar Description - TC7652

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7652 MICROCHIP-TC7652 Datasheet
456Kb / 16P
   Low Noise, Chopper Stabilized Operational Amplifier
2002
TC7652 MICROCHIP-TC7652_13 Datasheet
226Kb / 18P
   Low Noise, Chopper Stabilized Operational Amplifier
11/29/12
TC7650 MICROCHIP-TC7650_13 Datasheet
209Kb / 14P
   Chopper Stabilized Operational Amplifier
11/29/12
logo
TelCom Semiconductor, I...
TC7650 TELCOM-TC7650 Datasheet
90Kb / 7P
   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC1052CS LINER-LTC1052CS_15 Datasheet
165Kb / 2P
   CHOPPER STABILIZED OPERATIONAL AMPLIFIER
logo
Texas Instruments
LTC1052 TI1-LTC1052 Datasheet
51Kb / 4P
[Old version datasheet]   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Microchip Technology
TC7650 MICROCHIP-TC7650 Datasheet
457Kb / 14P
   Chopper Stabilized Operational Amplifier
2002
logo
Linear Technology
LTC1052 LINER-LTC1052 Datasheet
1Mb / 20P
   Chopper-Stabilized Operational Amplifier(CSOATM)
logo
Maxim Integrated Produc...
MAX430 MAXIM-MAX430 Datasheet
389Kb / 8P
   짹15V Chopper-Stabilized Operational Amplifier
Rev 2; 8/98
logo
Texas Instruments
TLC2654 TI-TLC2654 Datasheet
427Kb / 30P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com