Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7650 Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC7650
Description  CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7650 Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC7650 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3-277
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
Figure 4.
Noninverting Amplifier With Optional Clamp
Figure 3.
Internal Clamp Circuit
INTERNAL
POSITIVE CLAMP BIAS
V –V
V – 0.7V
++
T
P-CHANNEL
OUTPUT
CLAMP PIN
N-CHANNEL
INTERNAL
NEGATIVE CLAMP BIAS
V + V
T
V + 0.7V
TC7650
OUTPUT PIN
≈≈
TC7650
+
C
R
C
OUTPUT
INPUT
FOR FULL CLAMP EFFECT.
R2
R1
+ (
/
)
R2
R1
≥ 100k Ω
R3
0.1µF
CONNECT TO V
ON 8-PIN DIP.
*
SS
*
R
CLAMP
3
eliminates the overload recovery problem by reducing the
feedback network gain before the output voltage reaches
either supply rail.
The output clamp circuit is shown in Figure 3, with typical
inverting and noninverting circuit connections shown in
Figures 4 and 5. Output voltage versus clamp circuit current
characteristics are shown in the typical operating curves.
For the clamp to be fully effective, the impedance across the
clamp output should be greater than 100k
Ω.
Latch-Up Avoidance
Junction-isolated CMOS circuits inherently include a
parasitic 4-layer (p-n-p-n) structure which has characteris-
tics similar to an SCR. Under certain circumstances this
junction may be triggered into a low-impedance state, result-
ing in excessive supply current. To avoid this condition, no
voltage greater than 0.3V beyond the supply rails should be
applied to any pin. In general, the amplifier supplies must be
established either at the same time or before any input
signals are applied. If this is not possible, the drive circuits
must limit input current flow to under 0.1mA to avoid latch-
up.
Thermoelectric Potentials
Precision DC measurements are ultimately limited by
thermoelectric potentials developed in thermocouple junc-
tions of dissimilar metals, alloys, silicon, etc. Unless all
junctions are at the same temperature, thermoelectric volt-
ages, typically around 0.1
µV/°C, but up to tens of µV/°C for
some materials, will be generated. In order to realize the
benefits extremely-low offset voltages provide, it is essential
to take special precautions to avoid temperature gradients.
All components should be enclosed to eliminate air move-
ment, especially those caused by power-dissipating ele-
ments in the system. Low thermoelectric-coefficient con-
nections should be used where possible and power supply
voltages and power dissipation should be kept to a mini-
mum. High-impedance loads are preferable, and separation
from surrounding heat-dissipating elements is advised.
Pin Compatibility
On the 8-pin mini-DIP TC7650, the external null storage
capacitors are connected to pins 1 and 8. On most other
operational amplifiers these are left open or are used for
offset potentiometer or compensation capacitor connec-
tions.
For OP05 and OP07 operational amplifiers, the replace-
ment of the offset null potentiometer between pins 1 and 8
by two capacitors from the pins to VSS will convert the OP05/
07 pin configurations for TC7650 operation. For LM108
devices, the compensation capacitor is replaced by the
external nulling capacitors. The LM101/748/709 pinouts
are modified similarly by removing any circuit connections to
pin 5. On the TC7650, pin 5 is the output clamp connection.
Figure 5. Inverting Amplifier with Optional Clamp
TC7650
CLAMP
+
C
R
C
R1
OUTPUT
0.1 F
µ
0.1 F
µ
INPUT
R2
FOR FULL CLAMP
EFFECT.
(
)
R2
R1
≥ 100kΩ
*
CONNECT TO V
ON 8-PIN DIP.
*
R
CHOPPER-STABILIZED
OPERATIONAL AMPLIFIER
TC7650


Similar Part No. - TC7650

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7650 MICROCHIP-TC7650 Datasheet
457Kb / 14P
   Chopper Stabilized Operational Amplifier
2002
TC7650CPA MICROCHIP-TC7650CPA Datasheet
457Kb / 14P
   Chopper Stabilized Operational Amplifier
2002
TC7650CPA MICROCHIP-TC7650CPA Datasheet
209Kb / 14P
   Chopper Stabilized Operational Amplifier
11/29/12
TC7650CPD MICROCHIP-TC7650CPD Datasheet
457Kb / 14P
   Chopper Stabilized Operational Amplifier
2002
TC7650CPD MICROCHIP-TC7650CPD Datasheet
209Kb / 14P
   Chopper Stabilized Operational Amplifier
11/29/12
More results

Similar Description - TC7650

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7650 MICROCHIP-TC7650_13 Datasheet
209Kb / 14P
   Chopper Stabilized Operational Amplifier
11/29/12
logo
Linear Technology
LTC1052CS LINER-LTC1052CS_15 Datasheet
165Kb / 2P
   CHOPPER STABILIZED OPERATIONAL AMPLIFIER
logo
Texas Instruments
LTC1052 TI1-LTC1052 Datasheet
51Kb / 4P
[Old version datasheet]   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Microchip Technology
TC7650 MICROCHIP-TC7650 Datasheet
457Kb / 14P
   Chopper Stabilized Operational Amplifier
2002
logo
Linear Technology
LTC1052 LINER-LTC1052 Datasheet
1Mb / 20P
   Chopper-Stabilized Operational Amplifier(CSOATM)
logo
Maxim Integrated Produc...
MAX430 MAXIM-MAX430 Datasheet
389Kb / 8P
   짹15V Chopper-Stabilized Operational Amplifier
Rev 2; 8/98
logo
Microchip Technology
TC7652 MICROCHIP-TC7652 Datasheet
456Kb / 16P
   Low Noise, Chopper Stabilized Operational Amplifier
2002
logo
Intersil Corporation
ICL7650S INTERSIL-ICL7650S Datasheet
144Kb / 14P
   2MHz, Super Chopper-Stabilized Operational Amplifier
logo
Maxim Integrated Produc...
MAX420 MAXIM-MAX420 Datasheet
438Kb / 12P
   짹15 Volt Chopper Stabilized Operational Amplifier
Rev 1; 2/94
logo
Microchip Technology
TC7652 MICROCHIP-TC7652_13 Datasheet
226Kb / 18P
   Low Noise, Chopper Stabilized Operational Amplifier
11/29/12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com