Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC859BW Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BC859BW
Description  PNP General Purpose Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC859BW Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BC859BW Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC859BW Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Symbol
Testconditons
Min
Typ
Max
Unit
ICBO
IE =0; VCB = -30 V
-15
nA
ICBO
IE =0; VCB =-30 V; Tj = 150
-4
ìA
IEBO
IC =0; VEB = -5 V
-100
nA
BC859W; BC860W
220
800
BC859BW; BC860BW
220
475
BC859CW; BC860CW
420
800
IC =-10 mA; IB = -0.5 mA
-300
mV
IC = -100 mA; IB = -5 mA;
-650
mV
IC =-2mA; VCE = -5 V
600
750
mV
IC =-10 mA; VCE = -5 V
820
mV
CC
IE =ie=0; VCB = -10 V;f= 1 MHz
5
pF
Ce
IC =ic = 0; VEB = -500 mV; f = 1 MHz
10
pF
fT
IC =-10 mA; VCE = -5 V; f = 100 MHz
100
MHz
IC = -200 ìA; VCE =-5V; RS =2kÙ;f
=10Hzto15.7kHz
4
IC=-200 ìA; VCE =-5V; RS =2kÙ;f =
1 kHz; B = 200 Hz
4
*1. VBEsat decreases by about -1.7 mV/K with increasing temperature.
*2. VBE decreases by about -2 mV/K with increasing temperature.
hFE
Emitter capacitance
VBE
Base-emitter voltage *2
Transition frequency
Noise figure
IC =-2mA; VCE =-5V;
NF
dB
BC859W; BC860W;
BC859BW; BC860BW;
BC859CW; BC860CW
Parameter
Collector-emitter saturation voltage
VCE(sat)
DC current gain
Collector cutoff current
Collector capacitance
Emitter cutoff current
BC859W,BC860W
hFE Classification
TYPE
BC859W
BC859BW
BC859CW
Marking
4D
4B
4C
TYPE
BC860W
BC860BW
BC860CW
Marking
4H
4F
4G


Similar Part No. - BC859BW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC859BW PHILIPS-BC859BW Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Siemens Semiconductor G...
BC859BW SIEMENS-BC859BW Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
BC859BW INFINEON-BC859BW Datasheet
229Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
logo
Diotec Semiconductor
BC859BW DIOTEC-BC859BW Datasheet
184Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
NXP Semiconductors
BC859BW NXP-BC859BW Datasheet
129Kb / 7P
   PNP general purpose transistors
1999 Apr 12
More results

Similar Description - BC859BW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com