Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9517DR Datasheet(PDF) 6 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # PCA9517DR
Description  LEVEL-TRANSLATING I2C BUS REPEATER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

PCA9517DR Datasheet(HTML) 6 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button PCA9517DR Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517DR Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517DR Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517DR Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517DR Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517DR Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517DR Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517DR Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517DR Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.ti.com
I
2C Interface Timing Requirements
PCA9517
LEVEL-TRANSLATING I2C BUS REPEATER
SCPS157A – DECEMBER 2007 – REVISED FEBRUARY 2008
VCCB = 2.7 V to 5.5 V, GND = 0 V, TA = –40°C to 85°C (unless otherwise noted)
FROM
TO
PARAMETER
TEST CONDITIONS
MIN
TYP(1) MAX UNIT
(INPUT)
(OUTPUT)
SDAB, SCLB(2)
SDAA, SCLA(2)
100
169
255
(see Figure 4)
(see Figure 4)
tPLZ
Propagation delay
ns
SDAA, SCLA(3)
SDAB, SCLB(3)
25
67
110
(see Figure 3)
(see Figure 3)
VCCA ≤ 2.7 V
15
68(4)
110
(see Figure 2)
2.7 V
≤ VCCA ≤ 3 V
SDAB, SCLB
SDAA, SCLA
20
79
130
(see Figure 2)
tPZL
Propagation delay
ns
VCCA ≥ 3 V
10
103(5)
300
(see Figure 2)
SDAA, SCLA(3)
SDAB, SCLB(3)
45
118
230
(see Figure 3)
(see Figure 3)
B side to A side
1
6
30
(see Figure 3)
tTLH
Transition time
20%
80%
ns
A side to B side
20
31
170
(see Figure 2)
VCCA ≤ 2.7 V
1
3(4)
105
(see Figure 3)
2.7 V
≤ VCCA ≤ 3 V
B side to A side
1
6
120
(see Figure 2)
tTHL
Transition time
80%
20%
ns
VCCA ≥ 3 V
1
25(5)
175
(see Figure 3)
A side to B side
1
12
90
(see Figure 2)
(1)
Typical values were measured with VCCA = VCCB = 2.7 V at TA = 25°C, unless otherwise noted.
(2)
The tPLH delay data from B to A side is measured at 0.5 V on the B side to 0.5 VCCA on the A side when VCCA is less than 2 V, and
1.5 V on the A side if VCCA is greater than 2 V.
(3)
The proportional delay data from A to B side is measured at 0.3 VCCA on the A side to 1.5 V on the B side.
(4)
Typical value measured with VCCA = 0.9 V at TA = 25°C
(5)
Typical value measured with VCCA = 5.5 V at TA = 25°C
6
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): PCA9517


Similar Part No. - PCA9517DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9517DR TI-PCA9517DR Datasheet
451Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
PCA9517DR TI1-PCA9517DR Datasheet
1Mb / 28P
[Old version datasheet]   PCA9517 Level-Translating
PCA9517DRG4 TI-PCA9517DRG4 Datasheet
451Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
PCA9517DRG4 TI1-PCA9517DRG4 Datasheet
1Mb / 28P
[Old version datasheet]   PCA9517 Level-Translating
More results

Similar Description - PCA9517DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
   Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
NXP Semiconductors
PCA9517ATP PHILIPS-PCA9517ATP Datasheet
414Kb / 22P
   Level translating I2C-bus repeater
Rev. 4-9 May 2012
PCA9517DP118 NXP-PCA9517DP118 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A Datasheet
202Kb / 14P
   Level-Translating I2C-Bus Repeater
August, 2013 ??Rev. 0
logo
Texas Instruments
PCA9517 TI-PCA9517 Datasheet
451Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517A NXP-PCA9517A Datasheet
118Kb / 19P
   Level translating I2C-bus repeater
Rev. 02-5 May 2008
PCA9517 PHILIPS-PCA9517 Datasheet
107Kb / 13P
   Level translating I2C-bus repeater
2004 Oct 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com