Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9517 Datasheet(PDF) 5 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # PCA9517
Description  LEVEL-TRANSLATING I2C BUS REPEATER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

PCA9517 Datasheet(HTML) 5 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  PCA9517 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.ti.com
Electrical Characteristics
Timing Requirements
PCA9517
LEVEL-TRANSLATING I2C BUS REPEATER
SCPS157A – DECEMBER 2007 – REVISED FEBRUARY 2008
VCCB = 2.7 V to 5.5 V, GND = 0 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCB
MIN
TYP
MAX
UNIT
VIK
Input clamp voltage
II = –18 mA
2.7 V to 5.5 V
–1.2
V
IOL = 100 µA or 6 mA,
SDAB, SCLB
0.45
0.52
0.7
Low-level output
VILA = VILB = 0 V
VOL
2.7 V to 5.5 V
V
voltage
SDAA, SCLA
IOL = 6 mA
0.1
0.2
Low-level input voltage
VOL – VILc
below low-level output
SDAB, SCLB
2.7 V to 5.5 V
70
mV
voltage
SDA and SCL low-level
VILC
SDAB, SCLB
2.7 V to 5.5 V
–0.5
0.4
V
input voltage contention
Both channels low,
SDAA = SCLA = GND and
ICC
Quiescent supply current for VCCA
SDAB = SCLB = open, or
1
mA
SDAA = SCLA = open and
SDAB = SCLB = GND
Both channels high,
SDAA = SCLA = VCCA and
1.5
4
SDAB = SCLB = VCCB and
EN = VCCB
Both channels low,
SDAA = SCLA = GND and
ICC
Quiescent supply current
5.5 V
mA
SDAB = SCLB = open, or
1.5
5
SDAA = SCLA = open and
SDAB = SCLB = GND
In contention,
SDAA = SCLA = GND and
1.5
5
SDAB = SCLB = GND
VI = VCCB
±1
SDAB, SCLB
VI = 0.2 V
10
VI = VCCB
±1
II
Input leakage current
SDAA, SCLA
2.7 V to 5.5 V
µA
VI = 0.2 V
10
VI = VCCB
±1
EN
VI = 0.2 V
–10
–30
SDAB, SCLB
10
High-level output
IOH
VO = 3.6 V
2.7 V to 5.5 V
µA
leakage current
SDAA, SCLA
10
EN
VI = 3 V or 0 V
3.3 V
6
7
CI
Input capacitance
3.3 V
6
9
pF
SCLA, SCLB
VI = 3 V or 0 V
0 V
6
8
3.3 V
6
9
Input/output
CIO
SDAA, SDAB
VI = 3 V or 0 V
pF
capacitance
0 V
6
8
over recommended operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
tsu
Setup time, EN high before Start condition(1)
100
ns
th
Hold time, EN high after Stop condition(1)
100
ns
(1)
EN should change state only when the global bus and the repeater port are in an idle state.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): PCA9517


Similar Part No. - PCA9517

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9517 PHILIPS-PCA9517 Datasheet
107Kb / 13P
   Level translating I2C-bus repeater
2004 Oct 05
logo
Texas Instruments
PCA9517 TI-PCA9517 Datasheet
451Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
Texas Instruments
PCA9517 TI1-PCA9517 Datasheet
1Mb / 28P
[Old version datasheet]   PCA9517 Level-Translating
More results

Similar Description - PCA9517

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
   Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
NXP Semiconductors
PCA9517ATP PHILIPS-PCA9517ATP Datasheet
414Kb / 22P
   Level translating I2C-bus repeater
Rev. 4-9 May 2012
PCA9517DP118 NXP-PCA9517DP118 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A Datasheet
202Kb / 14P
   Level-Translating I2C-Bus Repeater
August, 2013 ??Rev. 0
logo
Texas Instruments
PCA9517 TI-PCA9517 Datasheet
451Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517A NXP-PCA9517A Datasheet
118Kb / 19P
   Level translating I2C-bus repeater
Rev. 02-5 May 2008
PCA9517 PHILIPS-PCA9517 Datasheet
107Kb / 13P
   Level translating I2C-bus repeater
2004 Oct 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com