Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSV52 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BSV52
Description  NPN Switching Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BSV52 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BSV52 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BSV52 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
NPN Switching Transistor
BSV52
Features
High current (max. 100 mA).
Low voltage (max. 12 V).
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
20
V
Collector-emitter voltage
VCEO
12
V
Emitter-base voltage
VEBO
5V
Collector current
IC
100
mA
Peak collector current
ICM
200
mA
Peak base current
IBM
100
mA
Total power dissipation
Ptot
250
mW
Storage temperature
Tstg
-65to+150
Junction temperature
Tj
150
Operating ambient temperature
Ramb
-65to+150
Thermal resistance from junction to ambient *
Rth j-a
500
K/W
* Transistor mounted on an FR4 printed-circuit board.


Similar Part No. - BSV52

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSV52 PHILIPS-BSV52 Datasheet
45Kb / 8P
   NPN switching transistor
1999 Apr 15
logo
STMicroelectronics
BSV52 STMICROELECTRONICS-BSV52 Datasheet
46Kb / 5P
   SMALL SIGNAL NPN TRANSISTORS
logo
Fairchild Semiconductor
BSV52 FAIRCHILD-BSV52 Datasheet
89Kb / 7P
   NPN Switching Transistor
logo
Diotec Semiconductor
BSV52 DIOTEC-BSV52 Datasheet
178Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Zetex Semiconductors
BSV52 ZETEX-BSV52 Datasheet
36Kb / 1P
   SOT23 NPN SILICON PLANAR HIGH SPEED WITCHING TRANSISTOR
More results

Similar Description - BSV52

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
   NPN Switching Transistor
logo
NXP Semiconductors
2N3904 PHILIPS-2N3904 Datasheet
45Kb / 8P
   NPN switching transistor
1999 Apr 23
BFX85 PHILIPS-BFX85 Datasheet
56Kb / 8P
   NPN switching transistor
1997 Apr 22
PMBT4401 PHILIPS-PMBT4401 Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 15
PMST3904 PHILIPS-PMST3904 Datasheet
47Kb / 8P
   NPN switching transistor
1999 Apr 22
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
2N3904 PHILIPS-2N3904_04 Datasheet
55Kb / 7P
   NPN switching transistor
2004 Oct 11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com