Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZT1047A Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FZT1047A
Description  NPN Silicon Planar Medium Power High Gain Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FZT1047A Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  FZT1047A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FZT1047A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
SOT-223
Unit: mm
3.00+0.1
-0.1
0.70+0.1
-0.1
2.9
4.6
6.50+0.2
-0.2
3.50+0.2
-0.2
0.90+0.2
-0.2
7.00+0.3
-0.3
12
4
3
1 base
2 collector
3 emitter
NPN Silicon Planar
Medium Power High Gain Transistor
FZT1047A
Features
VCEO =10V.
5 Amp continuous current.
20 Amp pulse current.
Low saturation voltage.
High gain.
Extremely low equivalent on-resistance; RCE(sat) =44mÙat 5A.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
35
V
Collector-emitter voltage
VCEO
10
V
Emitter-base voltage
VEBO
5V
Peak pulse current
IC
5A
Continuous collector current
ICM
20
A
Base current
IB
500
mA
Power dissipation
Ptot
2.5
W
Operating and storage temperature range
Tj,Tstg
-55to+150


Similar Part No. - FZT1047A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT1047A ZETEX-FZT1047A Datasheet
120Kb / 4P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
FZT1047A DIODES-FZT1047A Datasheet
131Kb / 4P
   SOT223 NPN SILICON PLANAR
FZT1047A DIODES-FZT1047A_15 Datasheet
131Kb / 4P
   SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FZT1047A DIODES-FZT1047A_16 Datasheet
698Kb / 7P
   10V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
More results

Similar Description - FZT1047A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT1048A ZETEX-FZT1048A Datasheet
132Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
ZTX618 DIODES-ZTX618 Datasheet
159Kb / 4P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX696B DIODES-ZTX696B Datasheet
64Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Zetex Semiconductors
ZTX1055A ZETEX-ZTX1055A Datasheet
123Kb / 4P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
List of Unclassifed Man...
ZTX618STZ ETC2-ZTX618STZ Datasheet
159Kb / 4P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
ZTX1048A DIODES-ZTX1048A_15 Datasheet
118Kb / 4P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX690BSTZ DIODES-ZTX690BSTZ Datasheet
74Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Guangdong Kexin Industr...
FZT688B KEXIN-FZT688B Datasheet
37Kb / 2P
   NPN Silicon Planar Medium Power High Gain Transistor
logo
GTM CORPORATION
GL1501A GTM-GL1501A Datasheet
477Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER high gain TRANSISTOR
logo
Zetex Semiconductors
FZT1049A ZETEX-FZT1049A Datasheet
99Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FZT1053A ZETEX-FZT1053A Datasheet
63Kb / 4P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com