Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1397 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1397
Description  PNP Epitaxial Planar Silicon Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1397 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1397 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
PNP Epitaxial Planar Silicon Transistors
2SB1397
Features
Low saturation voltage.
Contains diode between collector and emitter.
Contains bias resistance between base and emitter.
Large current capacity.
Small-sized package making it easy to provide highdensity,
small-sized hybrid ICs.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-25
V
Collector-emitter voltage
VCEO
-20
V
Emitter-base voltage
VEBO
-6
V
Collector current
IC
-2
A
Collector current (pulse)
ICP
-4
A
Collector dissipation
PC *1.3
W
Jumction temperature
Tj
150
Storage temperature
Tstg
-55to+150
* Mounted on ceramic board (250mm
2X0.8mm)
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB = -20V , IE =0
-1
nA
VCE =-2V , IC = -0.5A
70
VCE =-2V , IC = -2A
50
Gain bandwidth product
fT
VCE =-2V , IC = -0.5A
300
MHz
Output capacitance
Cob
VCB = -10V , f = 1MHz
40
pF
Collector-emitter saturation voltage
VCE(sat)
IC =-1A , IB = -50mA
-0.25
-0.5
V
Base-emitter saturation voltage
VBE(sat)
IC =-1A , IB = -50mA
-1.5
V
Collector-to-base breakdown voltage
V(BR)CBO
IC = -10ìA , IE =0
-25
V
Collector-to-emitter breakdown voltage
V(BR)CEO1
IC = -10ìA , RBE =
-25
V
Collector-to-emitter breakdown voltage
V(BR)CEO2
IC = -10mA , RBE =
-20
Diode forward voltage
VF
IF=0.5A
-1.5
V
Base-emitter resistance
RBE
1.6
DC current Gain
hFE
Marking
Marking
BP


Similar Part No. - 2SB1397

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1397 SANYO-2SB1397 Datasheet
114Kb / 4P
   Compact Motor Driver Applications???
logo
Guangdong Kexin Industr...
2SB1397 KEXIN-2SB1397_15 Datasheet
1Mb / 3P
   PNP Transistors
More results

Similar Description - 2SB1397

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
PN3644 MICRO-ELECTRONICS-PN3644 Datasheet
143Kb / 1P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
   PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
   PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
logo
Rectron Semiconductor
BC556A RECTRON-BC556A Datasheet
92Kb / 3P
   PNP Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CP754 CDIL-CP754 Datasheet
148Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2907 CDIL-MPS2907 Datasheet
198Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BC559 CDIL-BC559 Datasheet
304Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BC460 CDIL-BC460 Datasheet
92Kb / 2P
   PNP EPITAXIAL PLANAR SILICON TRANSISTORS
BFX87 CDIL-BFX87 Datasheet
94Kb / 3P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com