Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1991ACMS-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT1991ACMS-TRPBF
Description  Precision, 100關A Gain Selectable Amplifi er
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1991ACMS-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1991ACMS-TRPBF Datasheet HTML 7Page - Linear Technology LT1991ACMS-TRPBF Datasheet HTML 8Page - Linear Technology LT1991ACMS-TRPBF Datasheet HTML 9Page - Linear Technology LT1991ACMS-TRPBF Datasheet HTML 10Page - Linear Technology LT1991ACMS-TRPBF Datasheet HTML 11Page - Linear Technology LT1991ACMS-TRPBF Datasheet HTML 12Page - Linear Technology LT1991ACMS-TRPBF Datasheet HTML 13Page - Linear Technology LT1991ACMS-TRPBF Datasheet HTML 14Page - Linear Technology LT1991ACMS-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LT1991
11
1991fg
The maximum voltage allowed on the P3, M3, P9, and
M9 inputs includes the positive and negative supply plus
a diode drop. These pins should not be driven more than
0.2V outside of the supply rails. This is because they are
connected through diodes to internal manufacturing post-
package trim circuitry, and through a substrate diode to
VEE. If more than 10mA is allowed to flow through these
pins, there is a risk that the LT1991 will be detrimmed or
damaged. The P1 and M1 inputs do not have clamp diodes
or substrate diodes or trim circuitry and can be taken well
outside the supply rails. The maximum allowed voltage on
the P1 and M1 pins is ±60V.
The input voltage range of the internal op amp extends
to within 1.2V of VCC and 1V of VEE. The voltage at which
the op amp inputs common mode is determined by the
voltage at the op amp’s +input, and this is determined by
the voltages on pins P1, P3, P9 and REF (see “Calculating
Input Voltage Range” section). This is true provided that
the op amp is functioning and feedback is maintaining the
inputs at the same voltage, which brings us to the third
requirement.
For valid circuit function, the op amp output must not be
clipped. The output will clip if the input signals are attempt-
ing to force it to within 40mV of its supply voltages. This
usually happens due to too large a signal level, but it can
also occur with zero input differential and must therefore
be included as an example of a common mode problem.
Consider Figure 1. This shows the LT1991 configured
as a gain of 13 difference amplifier on a single supply
with the output REF connected to ground. This is a great
circuit, but it does not support VDM = 0V at any common
mode because the output clips into ground while trying
to produce 0VOUT. It can be fixed simply by declaring the
valid input differential range not to extend below +4mV,
or by elevating the REF pin above 40mV, or by providing
a negative supply.
Calculating Input Voltage Range
Figure 2 shows the LT1991 in the generalized case of
a difference amplifier, with the inputs shorted for the
common mode calculation. The values of RF and RG are
dictated by how the P inputs and REF pin are connected.
By superposition we can write:
VINT = VEXT • (RF/(RF + RG)) + VREF • (RG/(RF + RG))
Or, solving for VEXT:
VEXT = VINT • (1 + RG/RF) – VREF • RG/RF
But valid VINT voltages are limited to VCC – 1.2V and VEE
+ 1V, so:
MAX VEXT = (VCC – 1.2) • (1 + RG/RF) – VREF • RG/RF
and:
MIN VEXT = (VEE + 1) • (1 + RG/RF) – VREF • RG/RF
These two voltages represent the high and low extremes
of the common mode input range, if the other limits have
not already been exceeded (1 and 3, above). In most
cases, the inverting inputs M1 through M9 can be taken
further than these two extremes because doing this does
not move the op amp input common mode. To calculate
the limit on this additional range, see Figure 3. Note that,
+
1991 F01
50k
150k
450k
50k
150k
450k
450k
450k
REF
5V
VCM
2.5V
VDM
0V
+
8
7
6
5
4
9
10
1
2
3
LT1991
VOUT = 13 • VDM
4pF
4pF
+
VREF
RF
RF
RG
RG
1991 F02
VEXT
VINT
VCC
VEE
Figure 1. Difference Amplifier Cannot Produce
0V on a Single Supply. Provide a Negative
Supply, or Raise Pin 5, or Provide 4mV of VDM
Figure 2. Calculating CM Input Voltage Range
APPLICATIONS INFORMATION


Similar Part No. - LT1991ACMS-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1991ACMS LINEAR-LT1991ACMS Datasheet
296Kb / 24P
   Precision, 100UA Gain Selectable Amplifier
More results

Similar Description - LT1991ACMS-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6411 LINER-LT6411_15 Datasheet
367Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
LT6411 LINER-LT6411 Datasheet
361Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
logo
API Technologies Corp
BXMF1043 APITECH-BXMF1043 Datasheet
324Kb / 2P
   Automatic Gain Controlled Amplifi er
logo
Microchip Technology
MCP6G01 MICROCHIP-MCP6G01 Datasheet
1Mb / 36P
   110 關A Selectable Gain Amplifier
2006
MCP6G01 MICROCHIP-MCP6G01_06 Datasheet
1Mb / 38P
   110 關A Selectable Gain Amplifier
2006
logo
MRV Communications, Inc...
EM800-OABT MRV-EM800-OABT Datasheet
1Mb / 2P
   LambdaDriver짰 - Tunable Gain EDFA Optical Amplifi er
logo
Linear Technology
LTC6102 LINER-LTC6102 Datasheet
250Kb / 20P
   Precision Zero Drift Current Sense Amplifi er
logo
TriQuint Semiconductor
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
   Precision, 100A Gain Selectable Amplifier
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
   Precision, 100A Gain Selectable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com